Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD87331Q3D Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CSD87331Q3D
Description  Synchronous Buck NexFET??Power Block
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD87331Q3D Datasheet(HTML) 3 Page - Texas Instruments

  CSD87331Q3D Datasheet HTML 1Page - Texas Instruments CSD87331Q3D Datasheet HTML 2Page - Texas Instruments CSD87331Q3D Datasheet HTML 3Page - Texas Instruments CSD87331Q3D Datasheet HTML 4Page - Texas Instruments CSD87331Q3D Datasheet HTML 5Page - Texas Instruments CSD87331Q3D Datasheet HTML 6Page - Texas Instruments CSD87331Q3D Datasheet HTML 7Page - Texas Instruments CSD87331Q3D Datasheet HTML 8Page - Texas Instruments CSD87331Q3D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
HD
HG
LG
LD
M0205-01
LS
HS
HD
HG
LG
LD
M0206-01
LS
HS
CSD87331Q3D
www.ti.com
SLPS283A
– SEPTEMBER 2011 – REVISED JANUARY 2012
ELECTRICAL CHARACTERISTICS
TA = 25°C (unless otherwise stated)
Q1 Control FET
Q2 Sync FET
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Static Characteristics
BVDSS
Drain to Source Voltage
VGS = 0V, IDS = 250µA
30
30
V
Drain to Source Leakage
IDSS
VGS = 0V, VDS = 20V
1
1
µA
Current
Gate to Source Leakage
IGSS
VDS = 0V, VGS = +10 / –8V
100
100
nA
Current
Gate to Source Threshold
VGS(th)
VDS = VGS, IDS = 250µA
1
2.1
0.8
1.2
V
Voltage
VIN = 12V, VGS = 5V,
VOUT = 1.3V, IOUT = 10A,
ZDS(on)
Effective AC On-Impedance
18
5.5
m
Ω
fSW = 500kHz,
LOUT = 1µH
gfs
Transconductance
VDS = 15V, IDS = 8A
26
48
S
Dynamic Characteristics
CISS
Input Capacitance
432
518
926
1110
pF
COSS
Output Capacitance
VGS = 0V, VDS = 15V,
158
190
378
454
pF
f = 1MHz
Reverse Transfer
CRSS
7
9
24
30
pF
Capacitance
RG
Series Gate Resistance
5.2
6.5
0.7
1.5
Ω
Qg
Gate Charge Total (4.5V)
2.7
3.2
6.4
7.7
nC
Qgd
Gate Charge - Gate to Drain
0.4
1.1
nC
VDS = 15V,
Gate Charge - Gate to
IDS = 8A
Qgs
0.9
1.5
nC
Source
Qg(th)
Gate Charge at Vth
0.5
0.8
nC
QOSS
Output Charge
VDS = 14V, VGS = 0V
3.6
7.7
nC
td(on)
Turn On Delay Time
3.4
3.8
ns
tr
Rise Time
4.5
4.7
ns
VDS = 15V, VGS = 4.5V,
IDS = 8A, RG = 2Ω
td(off)
Turn Off Delay Time
7.4
11.2
ns
tf
Fall Time
1.3
2.4
ns
Diode Characteristics
VSD
Diode Forward Voltage
IDS = 8A, VGS = 0V
0.85
1
0.85
1
V
Qrr
Reverse Recovery Charge
4
5.9
nC
VDS = 14V, IF = 8A,
di/dt = 300A/
µs
trr
Reverse Recovery Time
10
13
ns
Max RθJA = 80°C/W
Max RθJA = 149°C/W
when mounted on
when mounted on
1 inch2 (6.45 cm2) of
minimum pad area of
2-oz. (0.071-mm thick)
2-oz. (0.071-mm thick)
Cu.
Cu.
Copyright
© 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com