Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCT244 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # HCT244
Description  Octal 3-State Noninverting Buffer/Line Driver/Line Receiver(High-Performance Silicon-Gate CMOS)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

HCT244 Datasheet(HTML) 1 Page - System Logic Semiconductor

  HCT244 Datasheet HTML 1Page - System Logic Semiconductor HCT244 Datasheet HTML 2Page - System Logic Semiconductor HCT244 Datasheet HTML 3Page - System Logic Semiconductor HCT244 Datasheet HTML 4Page - System Logic Semiconductor HCT244 Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SL74HCT244
System Logic
Semiconductor
SLS
Octal 3-State Noninverting
Buffer/Line Driver/Line Receiver
High-Performance Silicon-Gate CMOS
The SL74HCT244 is identical in pinout to the LS/ALS244. The device
may be used as a level converter for interfacing TTL or NMOS outputs
to High-Speed CMOS inputs.
The SL74HCT244 is an octal noninverting buffer/line driver/line
receiver designed to be used with 3-state memory address drivers, clock
drivers, and other bus-oriented systems. The device has non-inverted
outputs and two active-low output enables.
• TTL/NMOS-Compatible Input Levels
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 4.5 to 5.5 V
• Low Input Current: 1.0 µA
ORDERING INFORMATION
SL74HCT244N Plastic
SL74HCT244D SOIC
TA = -55
° to 125° C for all packages
FUNCTION TABLE
Inputs
Outputs
Enable A,
Enable B
A,B
YA,YB
L
L
L
L
H
H
H
X
Z
X=don’t care
Z = high impedance
LOGIC DIAGRAM
PIN 20=VCC
PIN 10 = GND
PIN ASSIGNMENT


Similar Part No. - HCT244

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
HCT240 SLS-HCT240 Datasheet
47Kb / 5P
Octal 3-State Inverting Buffer/Line Driver/Line Receiver(High-Performance Silicon-Gate CMOS)
logo
Texas Instruments
HCT240 TI-HCT240 Datasheet
417Kb / 13P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - HCT244

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HCT241 SLS-SL74HCT241 Datasheet
51Kb / 5P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver(High-Performance Silicon-Gate CMOS)
logo
KODENSHI_AUK CORP.
KK74AC244 KODENSHI-KK74AC244 Datasheet
287Kb / 5P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
KK74HC241A KODENSHI-KK74HC241A Datasheet
242Kb / 6P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Performance Silicon-Gate CMOS
KK74HC244A KODENSHI-KK74HC244A Datasheet
231Kb / 6P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Performance Silicon-Gate CMOS
KK74HCT241A KODENSHI-KK74HCT241A Datasheet
239Kb / 6P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Performance Silicon-Gate CMOS
KK74HCT244A KODENSHI-KK74HCT244A Datasheet
299Kb / 6P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC241A IKSEMICON-IN74HC241A Datasheet
224Kb / 6P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Performance Silicon-Gate CMOS
IN74HC244A IKSEMICON-IN74HC244A Datasheet
218Kb / 6P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Performance Silicon-Gate CMOS
IN74HCT241A IKSEMICON-IN74HCT241A Datasheet
225Kb / 6P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Performance Silicon-Gate CMOS
IN74HCT244A IKSEMICON-IN74HCT244A Datasheet
290Kb / 6P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com