Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY74FCT16374CTPVC Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CY74FCT16374CTPVC
Description  16-Bit Registers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CY74FCT16374CTPVC Datasheet(HTML) 1 Page - Texas Instruments

  CY74FCT16374CTPVC Datasheet HTML 1Page - Texas Instruments CY74FCT16374CTPVC Datasheet HTML 2Page - Texas Instruments CY74FCT16374CTPVC Datasheet HTML 3Page - Texas Instruments CY74FCT16374CTPVC Datasheet HTML 4Page - Texas Instruments CY74FCT16374CTPVC Datasheet HTML 5Page - Texas Instruments CY74FCT16374CTPVC Datasheet HTML 6Page - Texas Instruments CY74FCT16374CTPVC Datasheet HTML 7Page - Texas Instruments CY74FCT16374CTPVC Datasheet HTML 8Page - Texas Instruments CY74FCT16374CTPVC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
16-Bit Registers
CY74FCT16374T
CY74FCT162374T
SCCS055C - August 1994 - Revised September 2001
Data sheet acquired from Cypress Semiconductor Corporation.
Data sheet modified to remove devices not offered.
Copyright
© 2001, Texas Instruments Incorporated
1CY74FCT162374T
Features
•Ioff supports partial-power-down mode operation
• Edge-rate control circuitry for significantly improved
noise characteristics
• Typical output skew < 250 ps
• ESD > 2000V
• TSSOP (19.6-mil pitch) and SSOP (25-mil pitch)
packages
• Industrial temperature range of
−40˚C to +85˚C
•VCC = 5V ± 10%
CY74FCT16374T Features:
• 64 mA sink current, 32 mA source current
• Typical VOLP (ground bounce) <1.0V at VCC = 5V,
TA = 25˚C
CY74FCT162374T Features:
• Balanced 24 mA output drivers
• Reduced system switching noise
• Typical VOLP (ground bounce) <0.6V at VCC = 5V,
TA= 25˚C
Functional Description
CY74FCT16374T and CY74FCT162374T are 16-bit D-type
registers designed for use as buffered registers in high-speed,
low power bus applications. These devices can be used as two
independent 8-bit registers or as a single 16-bit register by
connecting the output Enable (OE) and Clock (CLK) inputs.
Flow-through pinout and small shrink packaging aid in
simplifying board layout.
This
device
is
fully
specified
for
partial-power-down
applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device
when it is powered down.
The
CY74FCT16374T
is
ideally
suited
for
driving
high-capacitance loads and low-impedance backplanes.
The CY74FCT162374T has 24-mA balanced output drivers
with current limiting resistors in the outputs. This reduces the
need for external terminating resistors and provides for
minimal undershoot and reduced ground bounce. The
CY74FCT162374T is ideal for driving transmission lines.
Logic Block Diagrams
Pin Configuration
D
C
1OE
FCT162374-1
1CLK
1D1
1O1
TO 7 OTHER CHANNELS
D
C
2OE
FCT162374-2
2CLK
2D1
2O1
FCT162374-3
GND
1
2
3
4
5
6
7
8
9
10
11
12
33
32
31
30
29
25
26
27
28
36
35
1OE
34
SSOP/TSSOP
Top View
13
14
15
16
17
18
19
20
21
22
23
24
45
44
43
42
41
37
38
39
40
48
47
46
1O1
1O2
1O3
1O4
1D1
1D2
1D3
1D4
1CLK
GND
GND
VCC
1O7
1O8
1O5
1O6
1D5
1D6
1D7
1D8
VCC
GND
GND
2O3
2O4
2O1
2O2
2D1
2D2
2D3
2D4
GND
GND
VCC
2O7
2O8
2O5
2O6
2D5
2D6
2D7
2D8
VCC
GND
2OE
2CLK
TO 7 OTHER CHANNELS


Similar Part No. - CY74FCT16374CTPVC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT16374CTPVC TI-CY74FCT16374CTPVC Datasheet
61Kb / 7P
16-Bit Registers
CY74FCT16374CTPVCT TI-CY74FCT16374CTPVCT Datasheet
61Kb / 7P
16-Bit Registers
More results

Similar Description - CY74FCT16374CTPVC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY5474FCT374T TI-CY5474FCT374T Datasheet
98Kb / 9P
8-Bit Registers
CY74FCT16374T TI-CY74FCT16374T Datasheet
61Kb / 7P
16-Bit Registers
SN54LS673 TI-SN54LS673 Datasheet
526Kb / 16P
16-BIT SHIFT REGISTERS
logo
Integrated Device Techn...
IDT74FCT163646 IDT-IDT74FCT163646 Datasheet
154Kb / 9P
3.3V CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
IDT74FCT163652 IDT-IDT74FCT163652 Datasheet
166Kb / 9P
3.3V CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
IDT74FCT16652T IDT-IDT74FCT16652T Datasheet
180Kb / 9P
FAST CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
logo
Pericom Semiconductor C...
PI74FCT162374T PERICOM-PI74FCT162374T Datasheet
90Kb / 7P
Fast CMOS 16-Bit Registers (3-State)
logo
Texas Instruments
SN54LS673 TI-SN54LS673_07 Datasheet
626Kb / 23P
16-BIT SHIFT REGISTERS
CY74FCT163374 TI1-CY74FCT163374 Datasheet
133Kb / 10P
16-Bit Registers
CY74FCT16823T TI1-CY74FCT16823T_15 Datasheet
993Kb / 16P
18-Bit Registers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com