Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL74HCT374 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL74HCT374
Description  Octal 3-State Noninverting D Flip-Flop(High-Performance Silicon-Gate CMOS)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74HCT374 Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL74HCT374 Datasheet HTML 1Page - System Logic Semiconductor SL74HCT374 Datasheet HTML 2Page - System Logic Semiconductor SL74HCT374 Datasheet HTML 3Page - System Logic Semiconductor SL74HCT374 Datasheet HTML 4Page - System Logic Semiconductor SL74HCT374 Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SL74HCT374
System Logic
Semiconductor
SLS
Octal 3-State Noninverting D Flip-Flop
High-Performance Silicon-Gate CMOS
The SL74HCT374 is identical in pinout to the LS/ALS374.
The SL74HCT374 may be used as a level converter for interfacing
TTL or NMOS outputs to High-Speed CMOS inputs.
Data meeting the setup and hold time is clocked to the outputs with
the rising edge of the Clock. The Output Enable input does not affect
the states of the flip-flops, but when Output Enable is high, the
outputs are forced to the high-impedance state; thus, data may be
stored even when the outputs are not enabled.
• TTL/NMOS-Compatible Input Levels
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 4.5 to 5.5 V
• Low Input Current: 1.0 µA
ORDERING INFORMATION
SL74HCT374N Plastic
SL74HCT374D SOIC
TA = -55
° to 125° C for all packages
FUNCTION TABLE
Inputs
Output
Output
Enable
Clock
D
Q
L
H
H
L
L
L
L
L,H,
X
no
change
H
X
X
Z
X = don’t care
Z = high impedance
LOGIC DIAGRAM
PIN 20=VCC
PIN 10 = GND
PIN ASSIGNMENT


Similar Part No. - SL74HCT374

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HCT373 SLS-SL74HCT373 Datasheet
52Kb / 5P
Octal 3-State Noninverting Transparent Latch(High-Performance Silicon-Gate CMOS)
SL74HCT373D SLS-SL74HCT373D Datasheet
52Kb / 5P
Octal 3-State Noninverting Transparent Latch(High-Performance Silicon-Gate CMOS)
SL74HCT373N SLS-SL74HCT373N Datasheet
52Kb / 5P
Octal 3-State Noninverting Transparent Latch(High-Performance Silicon-Gate CMOS)
More results

Similar Description - SL74HCT374

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HC374A INTEGRAL-IN74HC374A Datasheet
115Kb / 5P
Octal 3-State Noninverting D Flip-Flop (High-Performance Silicon-Gate CMOS)
IN74HCT374A INTEGRAL-IN74HCT374A Datasheet
120Kb / 5P
Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
IN74HCT574A INTEGRAL-IN74HCT574A Datasheet
114Kb / 5P
Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC574A KODENSHI-KK74HC574A Datasheet
219Kb / 6P
Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
KK74AC574 KODENSHI-KK74AC574 Datasheet
338Kb / 6P
Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
KK74ACT574 KODENSHI-KK74ACT574 Datasheet
341Kb / 6P
Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
KK74HCT374A KODENSHI-KK74HCT374A Datasheet
248Kb / 6P
Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC574A IKSEMICON-IN74HC574A Datasheet
195Kb / 7P
Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
IN74AC574 IKSEMICON-IN74AC574 Datasheet
245Kb / 6P
Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
IN74ACT574 IKSEMICON-IN74ACT574 Datasheet
323Kb / 6P
Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com