Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCT373 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # HCT373
Description  Octal 3-State Noninverting Transparent Latch(High-Performance Silicon-Gate CMOS)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

HCT373 Datasheet(HTML) 1 Page - System Logic Semiconductor

  HCT373 Datasheet HTML 1Page - System Logic Semiconductor HCT373 Datasheet HTML 2Page - System Logic Semiconductor HCT373 Datasheet HTML 3Page - System Logic Semiconductor HCT373 Datasheet HTML 4Page - System Logic Semiconductor HCT373 Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SL74HCT373
System Logic
Semiconductor
SLS
Octal 3-State Noninverting Transparent Latch
High-Performance Silicon-Gate CMOS
The SL74HCT373 may be used as a level converter for interfacing
TTL or NMOS outputs to High-Speed CMOS inputs.
The SL74HCT373 is identical in pinout to the LS/ALS373.
The eight latches of the SL74HCT373 are transparent D-type
latches. While the Latch Enable is high the Q outputs follow the Data
Inputs. When Latch Enable is taken low, data meeting the setup and
hold times becomes latched.
The Output Enable does not affect the state of the latch, but when
Output Enable is high, all outputs are forced to the high-impedance
state. Thus, data may be latched even when the outputs are not
enabled.
• TTL/NMOS-Compatible Input Levels
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 4.5 to 5.5 V
• Low Input Current: 1.0 µA
ORDERING INFORMATION
SL74HCT373N Plastic
SL74HCT373D SOIC
TA = -55
° to 125° C for all packages
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Output
Output
Enable
Latch
Enable
D
Q
L
H
H
H
L
H
L
L
L
L
X
No Change
H
X
X
Z
X = Don’t Care
Z = High Impedance
LOGIC DIAGRAM
PIN 20=VCC
PIN 10 = GND


Similar Part No. - HCT373

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HCT373M TI1-HCT373M Datasheet
1Mb / 20P
OCTAL TRANSPARENT D-TYPE LATCHES
More results

Similar Description - HCT373

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HCT573 SLS-SL74HCT573 Datasheet
54Kb / 6P
Octal 3-State Noninverting Transparent Latch(High-Performance Silicon-Gate CMOS)
logo
Integral Corp.
IN74HC373A INTEGRAL-IN74HC373A Datasheet
117Kb / 5P
Octal 3-State Noninverting Transparent Latch High-Performance Silicon-Gate CMOS
IN74HCT573A INTEGRAL-IN74HCT573A Datasheet
115Kb / 5P
Octal 3-State Noninverting Transparent Latch High-Performance Silicon-Gate CMOS
IN74HCT373A INTEGRAL-IN74HCT373A Datasheet
116Kb / 5P
Octal 3-State Noninverting Transparent Latch High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT573 KODENSHI-KK74ACT573 Datasheet
350Kb / 6P
Octal 3-State Noninverting Transparent Latch High-Performance Silicon-Gate CMOS
KK74HCT573A KODENSHI-KK74HCT573A Datasheet
251Kb / 6P
Octal 3-State Noninverting Transparent Latch High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC373A IKSEMICON-IN74HC373A Datasheet
173Kb / 6P
Octal 3-State Noninverting Transparent Latch High-Performance Silicon-Gate CMOS
IN74HCT573A IKSEMICON-IN74HCT573A Datasheet
237Kb / 6P
Octal 3-State Noninverting Transparent Latch High-Performance Silicon-Gate CMOS
IN74AC573 IKSEMICON-IN74AC573 Datasheet
260Kb / 6P
Octal 3-State Noninverting Transparent Latch High-Performance Silicon-Gate CMOS
IN74ACT573 IKSEMICON-IN74ACT573 Datasheet
341Kb / 6P
Octal 3-State Noninverting Transparent Latch High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com