Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CW100505-R10J Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CW100505-R10J
Description  CW100505 Series High Q Ceramic Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CW100505-R10J Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CW100505-R10J Datasheet HTML 1Page - Bourns Electronic Solutions CW100505-R10J Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0.20
(.008)
0.50 ± 0.1
(.020 ± .004)
0.55 ± 0.1
(.022 ± .004)
0.40
(.016)
0.30
(.012)
1.00 ± 0.1
(.039 ± .004)
0.20
(.008)
0.50
(.020)
0.40
(.016)
0.50
(.020)
0.50
(.020)
Features
■ 0402 miniature size
■ Ceramic core provides stable electrical
characteristics
■ High Q
■ High self-resonant frequency
■ Flat top surface for automated assembly
■ RoHS compliant* and halogen free**
Applications
■ RF modules
■ Cellular phones
■ GPS receivers
■ Wireless PDAs, LANs
■ CATV filters, tuners
■ Cable modems, set-top boxes
CW100505 Series High Q Ceramic Chip Inductors
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
** Bourns follows the prevailing definition of “halogen free” in the industry. Bourns considers a product to be
“halogen free” if (a) the Bromine (Br ) content is 900 ppm or less; (b) the Chlorine ( Cl ) content is 900 ppm or less;
and (c) the total Bromine (Br) and Chlorine ( Cl ) content is 1500 ppm or less.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Operating Temperature
................................-55 °C to +125 °C
(Temperature rise included)
Storage Temperature
................................-55 °C to +125 °C
Resistance to Soldering Heat
.......................... +260 °C, 5 sec. max.
Temperature Rise .....15 °C at rated Irms
Electrical Specifications
Bourns® Part No.
Inductance
Q
Test Freq.
(MHz)
SRF
(MHz)
DCR
(Ohms)
Irms
(mA)
L (nH)
Tol.
Min.
L / Q
Min.
Max.
CW100505-1N0D
1.0
±0.3 nH
13
250
6000
0.045
1360
CW100505-2N2D
2.2
±0.3 nH
18
250
6000
0.070
960
CW100505-2N7D
2.7
±0.3 nH
16
250
6000
0.120
640
CW100505-3N3J
3.3
±5 %
20
250
6000
0.066
840
CW100505-3N9J
3.9
±5 %
20
250
5800
0.066
840
CW100505-4N7J
4.7
±5 %
15
250
4775
0.130
640
CW100505-5N6J
5.6
±5 %
23
250
5800
0.083
760
CW100505-6N8J
6.8
±5 %
20
250
4800
0.083
680
CW100505-8N2J
8.2
±5 %
25
250
4400
0.104
680
CW100505-10NJ
10.0
±5 %
23
250
3900
0.195
480
CW100505-12NJ
12.0
±5 %
26
250
3600
0.120
640
CW100505-15NJ
15.0
±5 %
26
250
3280
0.172
560
CW100505-18NJ
18.0
±5 %
25
250
3100
0.230
420
CW100505-22NJ
22.0
±5 %
25
250
2800
0.300
400
CW100505-27NJ
27.0
±5 %
26
250
2480
0.298
400
CW100505-33NJ
33.0
±5 %
24
250
2350
0.350
400
CW100505-39NJ
39.0
±5 %
25
250
2100
0.550
320
CW100505-47NJ
47.0
±5 %
26
200
2100
0.830
210
CW100505-56NJ
56.0
±5 %
22
200
1760
0.970
200
CW100505-68NJ
68.0
±5 %
22
200
1620
1.120
180
CW100505-82NJ
82.0
±5 %
20
150
1500
1.250
150
CW100505-R10J
100.0
±5 %
20
150
1300
2.520
120
CW100505-R12J
120.0
±5 %
20
150
1100
2.660
110
General Specifications
Core...........................................Ceramic
Wire ............Enameled copper (Class H)
Terminal ........................... Mo/Mn+Ni+Au
Materials
Product Dimensions
DIMENSIONS:
MM
(INCHES)
Recommended Layout
Schematic
Soldering Profile
0
Time (Seconds)
50
100
150
200
250
50
100
150
200
250
70 SECONDS MAX.
Temperature
Rising
Area
4 °C/
Sec.
Max.
-
50 SECONDS MAX.
PEAK TEMP.
260 °C
230 °C
-
-
Preheat
Area
150~200 °C / 60~120 Sec.
-
Reflow
Area
20~
40 °C/
Sec.
Max.
-
Forced Cooling
Area
-1~5 °C/Sec. Max.


Similar Part No. - CW100505-R10J

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CW100505-R10J BOURNS-CW100505-R10J Datasheet
390Kb / 2P
CW100505 Series High Q Ceramic Chip Inductors
More results

Similar Description - CW100505-R10J

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CW160808 BOURNS-CW160808 Datasheet
136Kb / 1P
High Q Chip Inductors
CW252016 BOURNS-CW252016 Datasheet
137Kb / 1P
High Q Chip Inductors
logo
Allied Components Inter...
CHC03-1N6K-RC ALLIED-CHC03-1N6K-RC Datasheet
422Kb / 1P
Ceramic Core High Q Chip Inductors
CHQ05-2N5K-RC ALLIED-CHQ05-2N5K-RC Datasheet
410Kb / 1P
Ceramic Core High Q Chip Inductors
CHQ10-4N1K-RC ALLIED-CHQ10-4N1K-RC Datasheet
435Kb / 1P
Ceramic Core High Q Chip Inductors
logo
Bourns Electronic Solut...
PM0805 BOURNS-PM0805 Datasheet
224Kb / 1P
High Q Chip Inductors
CW100505 BOURNS-CW100505_13 Datasheet
390Kb / 2P
CW100505 Series High Q Ceramic Chip Inductors
PM0603-2N2-R BOURNS-PM0603-2N2-R Datasheet
300Kb / 1P
High Q Chip Inductors
PM1008-10NM-RC BOURNS-PM1008-10NM-RC Datasheet
291Kb / 1P
High Q Chip Inductors
logo
RENCO ELECTRONICS, INC.
RL-7700-3HQ RENCO-RL-7700-3HQ Datasheet
1Mb / 2P
HIGH Q CERAMIC WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com