Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL74HCT74 Datasheet(PDF) 4 Page - System Logic Semiconductor

Part # SL74HCT74
Description  Dual D Flip-Flop with Set and Reset(High-Performance Silicon-Gate CMOS)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74HCT74 Datasheet(HTML) 4 Page - System Logic Semiconductor

  SL74HCT74 Datasheet HTML 1Page - System Logic Semiconductor SL74HCT74 Datasheet HTML 2Page - System Logic Semiconductor SL74HCT74 Datasheet HTML 3Page - System Logic Semiconductor SL74HCT74 Datasheet HTML 4Page - System Logic Semiconductor SL74HCT74 Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SL74HCT74
System Logic
Semiconductor
SLS
AC ELECTRICAL CHARACTERISTICS(V
CC =5.0 V
±10%,C
L=50pF,Input t r=tf=6.0 ns)
Guaranteed Limit
Symbol
Parameter
25
°C
to
-55
°C
≤85°C
≤125°C
Unit
fmax
Maximum Clock Frequency (50% Duty Cycle)
(Figures 1 and 4)
30
24
20
MHz
tPLH, tPHL
Maximum Propagation Delay, Clock to Q or Q
(Figures 1 and 4)
24
30
36
ns
tPLH, tPHL
Maximum Propagation Delay, Set or Reset to Q or Q
(Figures 2 and 4)
24
30
36
ns
tTLH, tTHL
Maximum Output Transition Time, Any Output
(Figures 1 and 4)
15
19
22
ns
CIN
Maximum Input Capacitance
10
10
10
pF
Power Dissipation Capacitance (Per Enabled
Output)
Typical @25
°C,V
CC=5.0 V
CPD
Used to determine the no-load dynamic power
consumption:
PD=CPDVCC
2f+I
CCVCC
130
pF
TIMING REQUIREMENTS(V
CC =5.0 V
±10%,C
L=50pF,Input t r=tf=6.0 ns)
Guaranteed Limit
Symbol
Parameter
25
°C to-55°C
≤85°C
≤125°C
Unit
tsu
Minimum Setup Time, Data to Clock
(Figure 3)
15
19
22
ns
th
Minimum Hold Time, Clock to Data
(Figure 3)
3
3
3
ns
trec
Minimum Recovery Time, Set or Reset
Inactive to Clock (Figure 2)
6
8
9
ns
tw
Minimum Pulse Width, Clock (Figure
1)
15
19
22
ns
tw
Minimum Pulse Width, Set or Reset
(Figure 2)
15
19
22
ns
tr, tf
Maximum Input Rise and Fall Times
(Figure 1)
500
500
500
ns



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com