Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL74HCT74D Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL74HCT74D
Description  Dual D Flip-Flop with Set and Reset(High-Performance Silicon-Gate CMOS)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74HCT74D Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL74HCT74D Datasheet HTML 1Page - System Logic Semiconductor SL74HCT74D Datasheet HTML 2Page - System Logic Semiconductor SL74HCT74D Datasheet HTML 3Page - System Logic Semiconductor SL74HCT74D Datasheet HTML 4Page - System Logic Semiconductor SL74HCT74D Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SL74HCT74
System Logic
Semiconductor
SLS
Dual D Flip-Flop with Set and Reset
High-Performance Silicon-Gate CMOS
The SL74HCT74 is identical in pinout to the LS/ALS74. This device
may be used as a level converter for interfacing TTL or NMOS outputs
to High Speed CMOS inputs.
This device consists of two D flip-flops with individual Set, Reset,
and Clock inputs. Information at a D-input is transferred to the
corresponding Q output on the next positive going edge of the clock
input. Both Q and Q outputs are available from each flip-flop. The Set
and Reset inputs are asynchronous.
• TTL/NMOS Compatible Input Levels
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 4.5 to 5.5 V
• Low Input Current: 1.0 µA
ORDERING INFORMATION
SL74HCT74N Plastic
SL74HCT74D SOIC
TA = -55
° to 125° C for all packages
LOGIC DIAGRAM
PIN 14 =VCC
PIN 7 = GND
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Outputs
Set
Reset
Clock
Data
Q
Q
L
H
X
X
H
L
H
L
X
X
L
H
L
L
X
X
H
*
H
*
H
H
H
H
L
H
H
L
L
H
H
H
L
X
No Change
H
H
H
X
No Change
H
H
X
No Change
*Both outputs will remain high as long as Set and
Reset are low, but the output states are
unpredictable if Set and Reset go high
simultaneously.
X = don’t care


Similar Part No. - SL74HCT74D

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HCT00 SLS-SL74HCT00 Datasheet
33Kb / 4P
Quad 2-Input NAND Gate(High-Performance Silicon-Gate CMOS)
SL74HCT00D SLS-SL74HCT00D Datasheet
33Kb / 4P
Quad 2-Input NAND Gate(High-Performance Silicon-Gate CMOS)
SL74HCT00N SLS-SL74HCT00N Datasheet
33Kb / 4P
Quad 2-Input NAND Gate(High-Performance Silicon-Gate CMOS)
SL74HCT02 SLS-SL74HCT02 Datasheet
33Kb / 4P
Quad 2-Input NOR Gate(High-Performance Silicon-Gate CMOS)
SL74HCT02D SLS-SL74HCT02D Datasheet
33Kb / 4P
Quad 2-Input NOR Gate(High-Performance Silicon-Gate CMOS)
More results

Similar Description - SL74HCT74D

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC74 SLS-SL74HC74 Datasheet
51Kb / 5P
Dual D Flip-Flop with Set and Reset(High-Performance Silicon-Gate CMOS)
logo
Integral Corp.
IN74AC74 INTEGRAL-IN74AC74 Datasheet
165Kb / 5P
Dual D Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
IN74HC74 INTEGRAL-IN74HC74 Datasheet
100Kb / 5P
Dual D Flip-Flop with Set and Reset High-Performance Silicon-Gate CMOS
IN74HCT74A INTEGRAL-IN74HCT74A Datasheet
100Kb / 5P
Dual D Flip-Flop with Set and Reset High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT74 KODENSHI-KK74ACT74 Datasheet
318Kb / 6P
Dual D Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
KK74HC109A KODENSHI-KK74HC109A Datasheet
242Kb / 6P
Dual J-K Flip-Flop with Set and Reset High-Performance Silicon-Gate CMOS
KK74HCT74A KODENSHI-KK74HCT74A Datasheet
241Kb / 6P
Dual D Flip-Flop with Set and Reset High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC109A IKSEMICON-IN74HC109A Datasheet
230Kb / 6P
Dual J-K Flip-Flop with Set and Reset High-Performance Silicon-Gate CMOS
IN74HCT74A IKSEMICON-IN74HCT74A Datasheet
228Kb / 6P
Dual D Flip-Flop with Set and Reset High-Performance Silicon-Gate CMOS
IN74HCT109A IKSEMICON-IN74HCT109A Datasheet
231Kb / 6P
Dual J-K Flip-Flop with set and Reset High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com