Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7406 Datasheet(PDF) 2 Page - System Logic Semiconductor

Part # 7406
Description  Hex Inverted Buffers with Open-Collector Outputs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

7406 Datasheet(HTML) 2 Page - System Logic Semiconductor

  7406 Datasheet HTML 1Page - System Logic Semiconductor 7406 Datasheet HTML 2Page - System Logic Semiconductor 7406 Datasheet HTML 3Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SL74LS06
System Logic
Semiconductor
SLS
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
7.0
V
VIN
Input Voltage
5.5
V
VOUT
Output Voltage
30
V
Tstg
Storage Temperature Range
-65 to +150
°C
*Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
4.75
5.25
V
VIH
High Level Input Voltage
2.0
V
VIL
Low Level Input Voltage
0.8
V
VOH
High Level Output Voltage
30
V
IOL
Low Level Output Current
40
mA
TA
Ambient Temperature Range
0
+70
°C
DC ELECTRICAL CHARACTERISTICS over full operating conditions
Guaranteed Limit
Symbol
Parameter
Test Conditions
Min
Max
Unit
VIK
Input Clamp Voltage
VCC = min, IIN = -18 mA
-1.5
V
IOH
High Level Output Current
VCC = min, VOH= max
250
µA
VOL
Low Level Output Voltage
VCC = min, IOL = 16 mA
0.4
V
VCC = min, IOL = 40 mA
0.7
IIH
High Level Input Current
VCC = max, VIN = 2.7 V
20
µA
VCC = max, VIN = 5.5 V
1
mA
IIL
Low Level Input Current
VCC = max, VIN = 0.4 V
-0.2
mA
ICC
Supply Current
VCC = max
Total with
outputs high
18
mA
Total with
outputs low
60



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com