Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL74LS14N Datasheet(PDF) 4 Page - System Logic Semiconductor

Part # SL74LS14N
Description  Hex Schmitt-Trigger Inverter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74LS14N Datasheet(HTML) 4 Page - System Logic Semiconductor

  SL74LS14N Datasheet HTML 1Page - System Logic Semiconductor SL74LS14N Datasheet HTML 2Page - System Logic Semiconductor SL74LS14N Datasheet HTML 3Page - System Logic Semiconductor SL74LS14N Datasheet HTML 4Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SL74LS14
System Logic
Semiconductor
SLS
AC ELECTRICAL CHARACTERISTICS (T
A = 25
°C, V
CC = 5.0 V, CL = 15 pF,
RL = 2 k
Ω, t
r = 15 ns, t f = 6.0 ns)
Symbol
Parameter
Min
Max
Unit
tPLH
Propagation Delay, Input A to Output Y
22
ns
tPHL
Propagation Delay, Input A to Output Y
22
ns
Figure 1. Switching Waveforms
NOTES A. CL includes probe and jig capacitance.
B. All diodes are 1N916 or 1N3064.
Figure 2. Test Circuit



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com