Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL74LS14D Datasheet(PDF) 2 Page - System Logic Semiconductor

Part # SL74LS14D
Description  Hex Schmitt-Trigger Inverter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74LS14D Datasheet(HTML) 2 Page - System Logic Semiconductor

  SL74LS14D Datasheet HTML 1Page - System Logic Semiconductor SL74LS14D Datasheet HTML 2Page - System Logic Semiconductor SL74LS14D Datasheet HTML 3Page - System Logic Semiconductor SL74LS14D Datasheet HTML 4Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SL74LS14
System Logic
Semiconductor
SLS
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
7.0
V
VIN
Input Voltage
7.0
V
VOUT
Output Voltage
5.5
V
Tstg
Storage Temperature Range
-65 to +150
°C
*Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted t o the Recommended Operating Conditions.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
4.75
5.25
V
IOH
High Level Output Current
-15
mA
IOL
Low Level Output Current
24
mA
TA
Ambient Temperature Range
0
+70
°C
DC ELECTRICAL CHARACTERISTICS over full operating conditions
Guaranteed Limit
Symbol
Parameter
Test Conditions
Min
Max
Unit
VT+ -
Positive-Going Input Threshold
Voltage
VCC = 5 V
0.5
1
V
VT- -
Negative-Going Input Threshold
Voltage
VCC = 5 V
1.4
1.9
V
VT+ - VT-
Hysteresis
VCC = 5 V
0.4
V
VIK
Input Clamp Voltage
VCC = min, IIN = -18 mA
-1.5
V
VOH
High Level Output Voltage
VCC = min, IOH = -0.4 mA,
VI=0.5 V
2.7
V
VOL
Low Level Output Voltage
VCC = min, IOL = 4 mA
VI=1.9 V
0.4
V
VCC = min, IOL = 8 mA
VI=1.9 V
0.5
IIH
High Level Input Current
VCC = max, VIN = 2.7 V
20
µA
VCC = max, VIN = 7.0 V
0.1
mA
IIL
Low Level Input Current
VCC = max, VIN = 0.4 V
-0.4
mA
IO
Output Short Circuit Current
VCC = max, VO =0 V
(Note 1)
-20
-100
mA
ICC
Supply Current
Total with
outputs high
VCC = max
16
mA
Total with
outputs low
21



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com