Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD87352 Datasheet(PDF) 2 Page - Texas Instruments

Part # FPD87352
Description  FPD87352CXA 3.3V TFT-LCD Timing Controller with Single LVDS Input/Dual RSDS Outputs Including RTC (Response Time Compensation) for TFT-LCD Monitors and TV (XGA/WXGA/HDTV I,II,-)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FPD87352 Datasheet(HTML) 2 Page - Texas Instruments

  FPD87352 Datasheet HTML 1Page - Texas Instruments FPD87352 Datasheet HTML 2Page - Texas Instruments FPD87352 Datasheet HTML 3Page - Texas Instruments FPD87352 Datasheet HTML 4Page - Texas Instruments FPD87352 Datasheet HTML 5Page - Texas Instruments FPD87352 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RSDS CD
/12 + CLK, RSDS BUS (Back)
/12 + CLK, RSDS BUS (Front)
Column Start Pulse (Front)
Panel
Timing Controller
XGA (1024 x 768) up to 95 MHz
WXGA (1280 x 768) up to 95 MHz
HDTV I (1280 x 720) up to 95 MHz
Dot Inversion LCD panel
TFT-LCD Array
* Optional for 8 bit color
Gray scale
Reference
Gray Scale
Voltage Reference BUS
Line Data Latch
1
n
1
n
Row Start Pulse
EEPROM
/10 Address[9:0]
/6 Memory control
/32 Frame data interface
/2 FPD-Link [3]*
/2 FPD-Link CLK
/2 FPD-Link [2]
/2 FPD-Link [1]
/2 FPD-Link [0]
Polarity Control
RSDS CD
RSDS CD
RSDS CD
HDTV II (1366 x 768) up to 95 MHz
HDTV- (1280 x 800) up to 95 MHz
2 Kb or More, 400 kHz Max
/2 2-wire serial
interface
Panel Power
Supply
VDD
VSS
64 Mb
SDRAM
5
C
OBSOLETE
FPD87352
SNOSAG3C – JULY 2004 – REVISED APRIL 2013
www.ti.com
System Diagram
Figure 1. Block Diagram of the LCD Module
2
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: FPD87352



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com