Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL74LS161D Datasheet(PDF) 3 Page - System Logic Semiconductor

Part # SL74LS161D
Description  Synchronous 4 Bit Counters; Binary, Direct Reset
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74LS161D Datasheet(HTML) 3 Page - System Logic Semiconductor

  SL74LS161D Datasheet HTML 1Page - System Logic Semiconductor SL74LS161D Datasheet HTML 2Page - System Logic Semiconductor SL74LS161D Datasheet HTML 3Page - System Logic Semiconductor SL74LS161D Datasheet HTML 4Page - System Logic Semiconductor SL74LS161D Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SL74LS161
System Logic
Semiconductor
SLS
DC ELECTRICAL CHARACTERISTICS over full operating conditions
Guaranteed Limit
Symbol
Parameter
Test Conditions
Min
Max
Unit
VIK
Input Clamp Voltage
VCC = min, IIN = -18 mA
-1.5
V
VOH
High Level Output Voltage
VCC = min, IOH = -0.4 mA
2.7
V
VOL
Low Level Output Voltage
VCC = min, IOL = 4 mA
0.4
V
VCC = min, IOL = 8 mA
0.5
IIH
High Level Input Current
VCC = max
Data or enable P
20
µA
VIN =2.7 V
Load, clock or
enable T
40
Reset
20
VCC = max
Data or enable P
0.1
mA
VIN =7.0 V
Load, clock or
enable T
0.2
Reset
0.1
IIL
Low Level Input Current
VCC = max
Data or enable P
-0.4
mA
VIN =0.4 V
Load, clock or
enable T
Reset
-0.8
IO
Output Short Circuit Current
VCC = max, VO = 0 V
(Note 1)
-20
-100
mA
ICC
Supply
Current
All outputs high
VCC = max (Note 2)
31
mA
All outputs low
VCC = max (Note 3)
32
Note 1: Not more than one output should be shorted at a time, and the duration should not exceed one second.
Note 2: ICCH is measured with the load high, then again with the load low, with all other inputs high and all outputs
open.
Note 3: ICCL is measured with the clock input high, then again with the clock input low, with all other inputs low
and all outputs open.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com