Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL74LS86D Datasheet(PDF) 3 Page - System Logic Semiconductor

Part # SL74LS86D
Description  Quad 2-Input Exclusive OR Gate
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74LS86D Datasheet(HTML) 3 Page - System Logic Semiconductor

  SL74LS86D Datasheet HTML 1Page - System Logic Semiconductor SL74LS86D Datasheet HTML 2Page - System Logic Semiconductor SL74LS86D Datasheet HTML 3Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SL74LS86
System Logic
Semiconductor
SLS
AC ELECTRICAL CHARACTERISTICS (T
A=25
°C, V
CC = 5.0 V, CL = 15 pF, RL = 2 k
Ω, t
r =15
ns, tf = 6.0 ns)
Symbol
Parameter
Min
Max
Unit
tPLH
Propagation Delay, Input A or B to Output Y
(Other input low)
23
ns
tPHL
Propagation Delay, Input A or B to Output Y
(Other input low)
17
ns
tPLH
Propagation Delay, Input A or B to Output Y
(Other input high)
30
ns
tPHL
Propagation Delay, Input A or B to Output Y
(Other input high)
22
ns
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms
NOTES A. CL includes probe and jig capacitance.
B. All diodes are 1N916 or 1N3064.
Figure 3. Test Circuit



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com