Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC10 Datasheet(PDF) 3 Page - Maxwell Technologies

Part # PC10
Description  PC SERIES ULTRACAPACITORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

PC10 Datasheet(HTML) 3 Page - Maxwell Technologies

  PC10 Datasheet HTML 1Page - Maxwell Technologies PC10 Datasheet HTML 2Page - Maxwell Technologies PC10 Datasheet HTML 3Page - Maxwell Technologies PC10 Datasheet HTML 4Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3
Document number: 1003996.13
maxwell.com
DATASHEET
PC SERIES ULTRACAPACITORS
TYPICAL CHARACTERISTICS
THERMAL CHARACTERISTICS
PC10, PC10-90, PC10-270
PC10HT, PC10HT-90, PC10HT-270
Thermal Resistance
(Rth, Case to Ambient), typical2
15oC/W
15oC/W
Thermal Capacitance (C
th), typical
2
3.6 J/oC
3.6 J/oC
MOUNTING RECOMMENDATIONS
Do not reverse polarity. Please refer to document
number 1008238, available at maxwell.com for
soldering recommendations.
MARKINGS
Products are marked with the following information:
Rated capacitance, rated voltage, product number,
name of manufacturer, and positive terminal.
PC-10 HT Temperature Response Plot
80%
90%
100%
110%
120%
130%
140%
-20
-10
0
10
20
30
40
50
60
70
80
90
Temperature (°C)
Cap
DC ESR
NOTES
1. Capacitance and ESR
DC measured at 25°C per
Document Number 1007239 available at
www.maxwell.com.
2. Per Maxwell Document 1007239 available at
www.maxwell.com.
3. Maximum Peak current (1 sec) =
4. After 72 hours at 25°C and rated voltage. Initial
leakage current can be higher.
5. Per IEC 62391-2, P
d =
6. P
max =
7. E
max =
8. E
stored =
9. Cycle per Document Number 1007239 available at
www.maxwell.com.
10. No more than 10% decrease in capacitance from
minimum initial capacitance or 50% increase in ESR
from maximum initial ESR.
11. Absolute maximum voltage non repeated, not to
exceed 1 second.
½ CV
C x ESR
DC + 1
0.12V2
ESR
DC x mass
V2
4 x ESR
DC x mass
½ CV2
3,600 x mass
½ CV2
3,600



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com