Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW007002 Datasheet(PDF) 1 Page - Microchip Technology

Part # SW007002
Description  PICDEM??CAN-LIN 1, 2 and 3 Demonstration Boards
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SW007002 Datasheet(HTML) 1 Page - Microchip Technology

  SW007002 Datasheet HTML 1Page - Microchip Technology SW007002 Datasheet HTML 2Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Package Contents
• PICDEM CAN-LIN PCB
• Serial cable
• Sample programs, application notes and user's guide
(on CD)
Host System Requirements
• PC-compatible system with an Intel Pentium®class or
higher processor, or equivalent
• A minimum of 16 MB RAM
• A minimum of 40 MB available hard drive space
• CD ROM drive
• Microsoft Windows®98, Windows NT®4.0, Windows
2000 or Windows XP
Microchip T echnolog y Incor porated
Summary
Microchip offers three similar PICDEM CAN-LIN demonstration
boards to support different PIC®microcontroller devices. All
demonstrate the main features of the devices, especially those
features of the integrated CAN module. In addition to the CAN
network, the board also employs a LIN sub-network using
Microchip's PIC16C43X and PIC18F1320 device families.
Each PICDEM CAN-LIN demonstration board includes both
firmware and PC software for simulating a CAN network.
The firmware comes pre-programmed on the sample device. The
PC software and documentation are furnished on a CD ROM.
Features
PICDEM CAN-LIN 1 supports:
• 68-pin PLCC PIC18C658 and 84-pin PLCC PIC18C858
devices
• 20-pin PDIP PIC16C432 with integrated LIN Bus
transceiver
PICDEM CAN-LIN 2 supports:
• 28-pin SDIP PIC18F258 and PIC18F2680/2682/2685
devices
• 40-pin PDIP PIC18F458 and PIC18F4680/4682/4685
devices
• 20-pin PDIP PIC16C432 with integrated LIN Bus
transceiver
PICDEM CAN-LIN 3 supports:
• 64-pin TQFP PIC18F6680 and 80-pin TQFP PIC18F8680
devices
• 20-pin SSOP PIC18F1320 and MCP201 LIN Bus
transceiver
The kits all share the following common features:
• On-board digital and analog +5V regulator for direct
input from 12V AC/DC wall adapter
• Two on-board CAN nodes and optional external CAN bus
connectors
• On-board LIN Bus master and slave node
• Optional external LIN Bus connector
• DB-9 RS-232 interface to IBM compatible PC
• Two optional In-Circuit Serial Programming™ (ICSP™)
MPLAB®ICD 2 connectors
• Optional header for LCD panel
• CAN Bus monitoring software for PC
• Devices preprogrammed with CAN Bus monitor firmware
• Generous prototyping area
PICDEM™ CAN-LIN 1, 2 and 3 Demonstration Boards


Similar Part No. - SW007002

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
SW001A0C91Z LINEAGEPOWER-SW001A0C91Z Datasheet
364Kb / 24P
18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
SW001A0C91Z LINEAGEPOWER-SW001A0C91Z Datasheet
416Kb / 24P
SW/SC001/003 Series DC-DC Converter Power Modules 18-36V & 36-75Vdc Input; 3.3V-15Vdc Output; 1-3.5A Output Current
SW001A0C91Z LINEAGEPOWER-SW001A0C91Z_09 Datasheet
416Kb / 24P
SW/SC001/003 Series DC-DC Converter Power Modules 18-36V & 36-75Vdc Input; 3.3V-15Vdc Output; 1-3.5A Output Current
SW001A2B LINEAGEPOWER-SW001A2B Datasheet
364Kb / 24P
18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
SW001A2B LINEAGEPOWER-SW001A2B Datasheet
416Kb / 24P
SW/SC001/003 Series DC-DC Converter Power Modules 18-36V & 36-75Vdc Input; 3.3V-15Vdc Output; 1-3.5A Output Current
More results

Similar Description - SW007002

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2917 PHILIPS-LPC2917 Datasheet
1Mb / 68P
ARM9 microcontroller with CAN and LIN
Rev.1.01-15 November 2007
LPC2917 NXP-LPC2917 Datasheet
411Kb / 86P
ARM9 microcontroller with CAN and LIN
Rev. 02-17 June 2009
LPC2927 NXP-LPC2927 Datasheet
445Kb / 95P
ARM9 microcontroller with CAN, LIN, and USB
Rev. 02-22 June 2009
LPC2921 NXP-LPC2921_10 Datasheet
571Kb / 84P
ARM9 microcontroller with CAN, LIN, and USB
Rev. 03-14 April 2010
LPC2939 NXP-LPC2939 Datasheet
2Mb / 99P
ARM9 microcontroller with CAN, LIN, and USB
Rev. 03-7 April 2010
logo
National Instruments Co...
USB-8472 NI-USB-8472 Datasheet
441Kb / 4P
1-port interfaces for high-speed CAN,low-speed/fault-tolerant CAN, and LIN
logo
Keysight Technologies
N8803C KEYSIGHT-N8803C Datasheet
1Mb / 10P
CAN, LIN, FlexRay, and CAN-FD Protocol
N8803A KEYSIGHT-N8803A Datasheet
4Mb / 8P
CAN, LIN and FlexRay Protocol
N8803B KEYSIGHT-N8803B Datasheet
913Kb / 9P
CAN, LIN and FlexRay Protocol
logo
NXP Semiconductors
MM9Z1 NXP-MM9Z1 Datasheet
5Mb / 452P
Intelligent battery sensor with CAN and LIN
Rev. 5.0, 11/2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com