Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

60A103C Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # 60A103C
Description  Surface Mount Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

60A103C Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  60A103C Datasheet HTML 1Page - Murata Power Solutions Inc. 60A103C Datasheet HTML 2Page - Murata Power Solutions Inc. 60A103C Datasheet HTML 3Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
6000A Series
Surface Mount Power Inductors
KMP_6000A_A02 Page 1 of 3
www.murata-ps.com/support
www.murata-ps.com
For full details go to
www.murata-ps.com/rohs
SELECTION GUIDE
Order Code
Inductance, L
Isat4
DC Current2
SRF
DC Resistance
0.1V@100KHz (±10%)
Max.
Max.
Typ.
Max.
μH
A
A
MHz
mΩ
60A582C
5.8
22
14.5
31
5
60A782C
7.8
19
13.5
26
6
60A103C
10.2
17
12.0
21
7
60A163C
16.0
13
9.6
17
9
60A193C
19.4
12
8.5
15
11
60A233C
23.0
11
8.4
13
12
60A273C
27.0
10
7.5
13
15
60A313C
31.4
9.5
6.8
12
18
60A363C
36.0
8.8
6.4
11
20
60A413C
41.0
8.4
5.6
10
26
60A583C
57.8
6.2
4.9
8
36
ABSOLUTE MAXIMUM RATINGS
Operating temperature range3
-40°C to 85°C
Storage temperature range
-40°C to 150°C
SOLDERING INFORMATION1
Peak reflow solder temperature
245°C
Pin finish
Pure tin
Moisture sensitivity level3
1
PACKAGE SPECIFICATIONS
Mechanical Dimensions
Package weight: 12.7g Typ.
Recommended Pad Layout
All dimensions in mm (inches)
Specifications typical at T
A = 25°C
1 For further information, please visit www.murata-ps.com/rohs
2 The maximum DC current is the value at which the inductance falls to 75% of its nominal value or when its temperature rise reaches
40°C, whichever is sooner.
3 Representative samples of the product were subjected to the conditioning described in IPC/JEDEC J-STD-020D and passed electrical
testing, package coplanarity and visual inspection which revealed no external cracks or changes in package body flatness.
4 The instantaneous value when inductance drops to 80% of its normal value.
FEATURES
n
RoHS compliant1
n
Up to 22A saturation current
n
5.8µH to 57.8µH
n
High energy storage, low resistance
n
UL 94V-0 packaging materials
n
J-STD-020D.1 reflow
n
Custom inductance values available
The 6000A series is a range of high-current,
surface-mount power inductors. They are designed
for use in power applications such as DC-DC
converters, energy storage and input or output
filtering. The products are supplied in tape and
reel for high-volume, automated surface-mount
assembly.
PRODUCT OVERVIEW
15.7 (0.618)
3 (0.118)
4 (0.157)
4 (0.157)
4 (0.157)
7.15
(0.281)
7.15
(0.281)
60A413C
GYYWW
22.0 (0.867) Max.
12.0
(0.472)
Max.
14.3 (0.582)
15.7 (0.618)
2.7±0.1
(0.106±0.004)
2.5±0.1
(0.098±0.004)
2.5±0.1
(0.098±0.004)
1.65±0.1
(0.063±0.004)
19.0
(0.748)
Max.


Similar Part No. - 60A103C

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
60A18-2-040C GRAYHILL-60A18-2-040C Datasheet
101Kb / 2P
SERIES 60A Joystick
60A18-2-040P GRAYHILL-60A18-2-040P Datasheet
101Kb / 2P
SERIES 60A Joystick
60A18-2-040S GRAYHILL-60A18-2-040S Datasheet
101Kb / 2P
SERIES 60A Joystick
60A18-4-040C GRAYHILL-60A18-4-040C Datasheet
101Kb / 2P
SERIES 60A Joystick
60A18-4-040P GRAYHILL-60A18-4-040P Datasheet
101Kb / 2P
SERIES 60A Joystick
More results

Similar Description - 60A103C

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0804T-1R0M ABRACON-ASPI-0804T-1R0M Datasheet
182Kb / 1P
SURFACE-MOUNT POWER INDUCTORS
logo
ice Components, Ins.
GS43-1R0 ICE-GS43-1R0 Datasheet
783Kb / 3P
Surface Mount Power Inductors
LO3316 ICE-LO3316 Datasheet
408Kb / 1P
Surface Mount Power Inductors
LS125 ICE-LS125 Datasheet
567Kb / 1P
Surface Mount Power Inductors
GS43-1R0 ICE-GS43-1R0_08 Datasheet
136Kb / 3P
Surface Mount Power Inductors
LO1608 ICE-LO1608_08 Datasheet
174Kb / 1P
Surface Mount Power Inductors
LS74 ICE-LS74_08 Datasheet
218Kb / 1P
Surface Mount Power Inductors
LS1608 ICE-LS1608_08 Datasheet
174Kb / 1P
Surface Mount Power Inductors
logo
TT Electronics.
HM62-2610 TTELEC-HM62-2610 Datasheet
1Mb / 8P
Surface Mount Power Inductors
logo
RENCO ELECTRONICS, INC.
RL-6280 RENCO-RL-6280 Datasheet
410Kb / 6P
SURFACE MOUNT POWER INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com