Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6472H Datasheet(PDF) 47 Page - STMicroelectronics

Part # L6472H
Description  dSPIN fully integrated microstepping motor driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6472H Datasheet(HTML) 47 Page - STMicroelectronics

Back Button L6472H Datasheet HTML 43Page - STMicroelectronics L6472H Datasheet HTML 44Page - STMicroelectronics L6472H Datasheet HTML 45Page - STMicroelectronics L6472H Datasheet HTML 46Page - STMicroelectronics L6472H Datasheet HTML 47Page - STMicroelectronics L6472H Datasheet HTML 48Page - STMicroelectronics L6472H Datasheet HTML 49Page - STMicroelectronics L6472H Datasheet HTML 50Page - STMicroelectronics L6472H Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 69 page
background image
L6472
Programming manual
Doc ID 022729 Rev 1
47/69
9.1.14
ADC_OUT
The ADC_OUT register contains the result of the analog-to-digital conversion of the ADCIN
pin voltage.
Any attempt to write to the register causes the command to be ignored and the
NOTPERF_CMD flag to rise (see Section 9.1.19).
9.1.15
OCD_TH
The OCD_TH register contains the overcurrent threshold value (see Section 6.9 for details).
The available range is from 375 mA to 6 A, steps of 375 mA, as shown in Table 17.
Table 16.
ADC_OUT value and torque regulation feature
VADCIN/ VREG
ADC_OUT [4..0]
Output current amplitude
0
0
0
0
0
0
125 mA
1/32
0
0
0
0
1
250 mA
30/32
1
1
1
1
0
3.875 A
31/32
1
1
1
1
1
4 A
Table 17.
Overcurrent detection threshold
OCD_TH [3..0]
Overcurrent detection threshold
0
0
0
0
375 mA
0
0
0
1
750 mA
1
1
1
0
5.625 A
1
1
1
1
6 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com