Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6474 Datasheet(PDF) 41 Page - STMicroelectronics

Part # L6474
Description  easySPIN ??fully integrated microstepping motor driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6474 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button L6474 Datasheet HTML 37Page - STMicroelectronics L6474 Datasheet HTML 38Page - STMicroelectronics L6474 Datasheet HTML 39Page - STMicroelectronics L6474 Datasheet HTML 40Page - STMicroelectronics L6474 Datasheet HTML 41Page - STMicroelectronics L6474 Datasheet HTML 42Page - STMicroelectronics L6474 Datasheet HTML 43Page - STMicroelectronics L6474 Datasheet HTML 44Page - STMicroelectronics L6474 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 51 page
background image
L6474
Programming manual
Doc ID 022529 Rev 2
41/51
The TQREG bit sets if the torque regulation (see Section 7.4) is performed through the
ADCIN voltage (external) or TVAL register (internal):
The TOFF time is used by current control system. If its value is lower than the TOFF_MIN
one, the OFF time is equal to TOFF_MIN.
Any attempt to write the CONFIG register when the outputs are enabled causes the
command to be ignored and the NOTPERF_CMD flag to rise (see Section 9.1.13).
9.1.13
STATUS
When HiZ flag is high, it indicates that the bridges are in high impedance state. Enable
command makes the device exit from High Z state unless error flags forcing a High Z state
are active.
Table 25.
Programmable power bridge output slew-rate values
POW_SR [1..0]
Output Slew-rate (1) [V/ìs] (1)
1.
See SRout_r and SRout_f parameters in the electrical characteristics Table 5 for details.
0
0
180
0
1
180
1
0
290
1
1
530
Table 26.
External torque regulation enable
TQREG
External torque regulation enable
0
Internal registers
1
ADC input
Table 27.
OFF time
TOFF [4..0]
OFF time
0
0
0
0
0
4 µs
0
0
0
0
1
4 µs
0
0
0
1
0
8 µs
1
1
1
1
1
124 µs
Table 28.
STATUS register
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
1
1
1
OCD
TH_SD
TH_WRN
UVLO
WRONG_CMD
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
NOTPERF_CMD
0
0
DIR
0
0
1
HiZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com