Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6474H Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6474H
Description  easySPIN ??fully integrated microstepping motor driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6474H Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6474H Datasheet HTML 9Page - STMicroelectronics L6474H Datasheet HTML 10Page - STMicroelectronics L6474H Datasheet HTML 11Page - STMicroelectronics L6474H Datasheet HTML 12Page - STMicroelectronics L6474H Datasheet HTML 13Page - STMicroelectronics L6474H Datasheet HTML 14Page - STMicroelectronics L6474H Datasheet HTML 15Page - STMicroelectronics L6474H Datasheet HTML 16Page - STMicroelectronics L6474H Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
L6474
Electrical characteristics
Doc ID 022529 Rev 2
13/51
VADC,ref
Analog to digital converter reference voltage
VREG
V
fS
Analog to digital converter sampling
frequency
fOSC/
512
kHz
1.
Accuracy depends on oscillator frequency accuracy.
2.
Tested at 25 °C in a restricted range and guaranteed by characterization.
3.
Rise and fall time depends on motor supply voltage value. Refer to SRout values (Table 5) in order to evaluate the actual
rise and fall time.
4.
Not valid for STBY/RST pins which have internal pull-down resistor.
5.
Not valid for SW and CS pins which have internal pull-up resistor.
6.
FLAG and SYNC open drain outputs included.
7.
See Figure 13– SPI timings diagram for details.
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com