Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6472PDTR Datasheet(PDF) 53 Page - STMicroelectronics

Part # L6472PDTR
Description  dSPIN fully integrated microstepping motor driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6472PDTR Datasheet(HTML) 53 Page - STMicroelectronics

Back Button L6472PDTR Datasheet HTML 49Page - STMicroelectronics L6472PDTR Datasheet HTML 50Page - STMicroelectronics L6472PDTR Datasheet HTML 51Page - STMicroelectronics L6472PDTR Datasheet HTML 52Page - STMicroelectronics L6472PDTR Datasheet HTML 53Page - STMicroelectronics L6472PDTR Datasheet HTML 54Page - STMicroelectronics L6472PDTR Datasheet HTML 55Page - STMicroelectronics L6472PDTR Datasheet HTML 56Page - STMicroelectronics L6472PDTR Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 69 page
background image
L6472
Programming manual
Doc ID 022729 Rev 1
53/69
9.1.19
STATUS
When the HiZ flag is high it indicates that the bridges are in high-impedance state. Any
motion command causes the device to exit from High Z state (HardStop and SoftStop
included), unless error flags forcing a High Z state are active.
The UVLO flag is active low and is set by an undervoltage lockout or reset event (power-up
included). The TH_WRN, TH_SD, OCD flags are active low and indicate respectively
thermal warning, thermal shutdown and overcurrent detection events.
The NOTPERF_CMD and WRONG_CMD flags are active high and indicate, respectively,
that the command received by SPI can't be performed or does not exist at all. The SW_F
reports the SW input status (low for open and high for closed).
The SW_EVN flag is active high and indicates a switch turn-on event (SW input falling
edge).
The UVLO, TH_WRN, TH_SD, OCD, NOTPERF_CMD, WRONG_CMD and SW_EVN flags
are latched: when the respective conditions make them active (low or high) they remain in
that state until a GetStatus command is sent to the IC.
The BUSY bit reflects the BUSY pin status. The BUSY flag is low when a constant speed,
positioning or motion command is under execution and is released (high) after the command
has been completed.
The SCK_MOD bit is an active high flag indicating that the device is working in step-clock
mode. In this case the step-clock signal should be provided through the STCK input pin. The
DIR bit indicates the current motor direction:
MOT_STATUS indicates the current motor status:
Table 30.
STATUS register
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
SCK_MOD
X
X
OCD
TH_SD
TH_WRN
UVLO
WRONG_CMD
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
NOTPERF_CMD
MOT_STATUS
DIR
SW_EVN
SW_F
BUSY
HiZ
Table 31.
STATUS register DIR bit
DIR
Motor direction
1
Forward
0
Reverse
Table 32.
STATUS register MOT_STATE bits
MOT_STATUS
Motor status
0
0
Stopped
0
1
Acceleration
1
0
Deceleration
1
1
Constant speed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com