Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD49150PT08R Datasheet(PDF) 13 Page - STMicroelectronics

Part # LD49150PT08R
Description  1.5 A very low drop for low output voltage regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD49150PT08R Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LD49150PT08R Datasheet HTML 9Page - STMicroelectronics LD49150PT08R Datasheet HTML 10Page - STMicroelectronics LD49150PT08R Datasheet HTML 11Page - STMicroelectronics LD49150PT08R Datasheet HTML 12Page - STMicroelectronics LD49150PT08R Datasheet HTML 13Page - STMicroelectronics LD49150PT08R Datasheet HTML 14Page - STMicroelectronics LD49150PT08R Datasheet HTML 15Page - STMicroelectronics LD49150PT08R Datasheet HTML 16Page - STMicroelectronics LD49150PT08R Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LD49150XX08, LD49150XX10, LD49150XX12
Application hints
Doc ID 13446 Rev 3
13/22
8
Application hints
The LD49150xx is an ultra-high performance, low dropout linear regulator, designed for high
current application that requires fast transient response. The LD49150xx operates from two
input voltages, to reduce dropout voltage. The LD49150xx is designed so that a minimum of
external component are necessary.
8.1
Input supply voltage (VIN)
VIN provides the power input current to the LD49150xx. The minimum input voltage can be
as low as 1.4 V, allowing conversion from very low voltage supplies to achieve low output
voltage levels with very low power dissipation.
8.2
Bias supply voltage (VBIAS)
The LD49150xx control circuitry is supplied the VBIAS pin which requires a very low bias
current (3 mA typ.) even at the maximum output current level (1.5 A). A bypass capacitor on
the bias pin is recommended to improve the performance of the LD49150xx during line and
load transient. The small ceramic capacitor from VBIAS to ground reduces high frequency
noise that could be injected into the control circuitry from the bias rail. In typical applications
a 1 µF ceramic chip capacitor may be used. The VBIAS input voltage must be 2.1 V above
the output voltage, with a minimum VBIAS input voltage of 3 V.
8.3
External capacitors
To assure regulator stability, input and output capacitors are required as shown in the 1:
Typical application circuits.
8.4
Output capacitor
The LD49150xx requires a minimum output capacitance to maintain stability. A ceramic chip
capacitor of at least 1 µF is required. However, specific capacitor selection could be needed
to ensure the transient response. A 1 µF ceramic chip capacitor satisfies most applications
but 10 µF is recommended to ensure better transient performances. In applications where
the VIN level is close to the maximum operating voltage (VIN > 4 V), it is strongly
recommended to use an output capacitors of, at least, 10 µF in order to avoid over-voltage
stress on the Input/output power pins during short circuit conditions due to parasitic
inductive effect. The output capacitor must be located as close as possible to the output pin
of the LD49150xx. The ESR (equivalent series resistance) of the output capacitor must be
within the "stable" region as shown in the typical characteristics figures. Both ceramic and
tantalum capacitors are suitable.
8.5
Minimum load current
The LD49150xx does not require a minimum load to maintain output voltage regulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com