Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39015J10R Datasheet(PDF) 13 Page - STMicroelectronics

Part # LD39015J10R
Description  150 mA low quiescent current low noise voltage regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39015J10R Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LD39015J10R Datasheet HTML 9Page - STMicroelectronics LD39015J10R Datasheet HTML 10Page - STMicroelectronics LD39015J10R Datasheet HTML 11Page - STMicroelectronics LD39015J10R Datasheet HTML 12Page - STMicroelectronics LD39015J10R Datasheet HTML 13Page - STMicroelectronics LD39015J10R Datasheet HTML 14Page - STMicroelectronics LD39015J10R Datasheet HTML 15Page - STMicroelectronics LD39015J10R Datasheet HTML 16Page - STMicroelectronics LD39015J10R Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
LD39015Jxx
Package mechanical data
Doc ID 15968 Rev 2
13/17
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A178
6.926
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N59
60
61
2.323
2.362
2.401
T
8.4
0.331
Ao
1.12
1.17
1.22
0.044
0.046
0.048
Bo
1.12
1.17
1.22
0.044
0.046
0.048
Ko
0.68
0.73
0.78
0.027
0.029
0.031
Po
3.9
4
4.1
0.153
0.157
0.161
P
3.9
4
4.1
0.153
0.157
0.161
Tape and reel Flip-chip 4 mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com