Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39115J15R Datasheet(PDF) 9 Page - STMicroelectronics

Part # LD39115J15R
Description  150 mA low quiescent current low noise voltage regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39115J15R Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LD39115J15R Datasheet HTML 5Page - STMicroelectronics LD39115J15R Datasheet HTML 6Page - STMicroelectronics LD39115J15R Datasheet HTML 7Page - STMicroelectronics LD39115J15R Datasheet HTML 8Page - STMicroelectronics LD39115J15R Datasheet HTML 9Page - STMicroelectronics LD39115J15R Datasheet HTML 10Page - STMicroelectronics LD39115J15R Datasheet HTML 11Page - STMicroelectronics LD39115J15R Datasheet HTML 12Page - STMicroelectronics LD39115J15R Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
LD39115Jxx
Electrical characteristics
Doc ID 15527 Rev 5
9/23
TJ = 25 °C, VIN = VOUT(NOM) + 1 V, CIN = COUT = 1 µF, IOUT = 1 mA, VEN = VIN, unless
otherwise specified.
Table 6.
Electrical characteristics for LD39115SJxx (1)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Operating input voltage
1.5
5.5
V
VUVLO
Turn-on threshold
1.45
1.48
V
Turn-off threshold
1.30
1.35
mV
VOUT
VOUT accuracy
VOUT >1.5V, IOUT=1mA, TJ=25°C
-2.0
2.0
%
VOUT >1.5V, IOUT=1mA,
-40°C<TJ<125°C
-3.0
3.0
%
VOUT ≤ 1.5V, IOUT=1mA
±10
mV
VOUT ≤ 1.5V, IOUT=1mA,
-40°C<TJ<125°C
±30
mV
ΔV
OUT
Static line regulation
VOUT +1V ≤ VIN ≤ 5.5V, IOUT=1mA
0.01
%/V
ΔV
OUT
Transient line regulation
(2)
ΔV
IN=+500mV, IOUT=1mA, TR=TF=5µs
10
mVpp
ΔV
OUT
Static load regulation
IOUT = 1mA to 150mA
0.002
%/mA
ΔV
OUT
Transient load
regulation (2)
IOUT = 1mA to 150mA, TR=TF=5µs
40
mVpp
VDROP
Dropout voltage (3)
IOUT = 100mA, VOUT>1.5V
-40°C<TJ<125°C
80
110
mV
eN
Output noise voltage
10Hz to 100kHz, IOUT=10mA
30
µVRMS
/V
SVR
Supply voltage rejection
VOUT = 1.5V
VIN = VOUTNOM+1V+/-VRIPPLE
VRIPPLE = 0.1V Freq.=1kHz
IOUT=10mA
74
dB
VIN = VOUTNOM+0.5V+/-VRIPPLE
VRIPPLE=0.1V Freq.=10kHz
IOUT=10mA
67
IQ
Quiescent current
IOUT=0mA
20
µA
IOUT=0mA, -40°C<TJ<125°C
50
IOUT=0 to 150mA
35
IOUT=0 to 150mA, -40°C<TJ<125°C
70
VIN input current in OFF MODE:
VEN=GND
0.001
1
ISC
Short circuit current
RL=0
200
mA
VEN
Enable input logic low
VIN=1.5V to 5.5V, -40°C<TJ<125°C
0.4
V
Enable input logic high
VIN = 1.5V to 5.5V, -40°C<TJ<125°C
0.9
IEN
Enable pin input current VSHDN=VIN
0.1
100
nA
TON
Turn on time (4)
100
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com