Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGIPN3H60 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STGIPN3H60
Description  SLLIMM??nano (small low-loss intelligent molded module)IPM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPN3H60 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STGIPN3H60 Datasheet HTML 10Page - STMicroelectronics STGIPN3H60 Datasheet HTML 11Page - STMicroelectronics STGIPN3H60 Datasheet HTML 12Page - STMicroelectronics STGIPN3H60 Datasheet HTML 13Page - STMicroelectronics STGIPN3H60 Datasheet HTML 14Page - STMicroelectronics STGIPN3H60 Datasheet HTML 15Page - STMicroelectronics STGIPN3H60 Datasheet HTML 16Page - STMicroelectronics STGIPN3H60 Datasheet HTML 17Page - STMicroelectronics STGIPN3H60 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Smart shutdown function
STGIPN3H60
14/21
Doc ID 018957 Rev 3
4
Smart shutdown function
The STGIPN3H60 integrates a comparator for fault sensing purposes. The comparator non-
inverting input (CIN) can be connected to an external shunt resistor in order to implement a
simple overcurrent protection function. When the comparator triggers, the device is set in
shutdown state and both its outputs are set to low-level leading the half bridge in 3-state. In
the common overcurrent protection architectures the comparator output is usually
connected to the shutdown input through a RC network, in order to provide a mono-stable
circuit, which implements a protection time that follows the fault condition. Our smart
shutdown architecture allows to immediately turn-off the output gate driver in case of
overcurrent, the fault signal has a preferential path which directly switches off the outputs.
The time delay between the fault and the outputs turn-off is no more dependent on the RC
values of the external network connected to the shutdown pin. At the same time the internal
logic turns on the open-drain output and holds it on until the shutdown voltage goes below
the logic input lower threshold. Finally the smart shutdown function provides the possibility
to increase the real disable time without increasing the constant time of the external RC
network.
Figure 6.
Smart shutdown timing waveforms
Please refer to
Table 12 for internal propagation delay time details.
HIN/LIN
HVG/LVG
SD/OD
open drain gate
(internal)
upper
threshold
lower
threshold
comp
Vref
CP+
PROTECTION
Fast shut down:
the driver outputs are set in SD state
immediately after the comparator
triggering even if the SD signal
has not yet reach
the lower input threshold
real disable time
2
1
1
2
= (RON_OD // RSD)
CSD
= RSD CSD
SD/OD
FROM/TO
CONTROLLER
VBIAS
SMART
SD
LOGIC
CSD
RSD
RON_OD
SHUT DOWN CIRCUIT
TIME CONSTANTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com