Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD59015C15R Datasheet(PDF) 1 Page - STMicroelectronics

Part # LD59015C15R
Description  150 mA low noise high PSRR linear voltage regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD59015C15R Datasheet(HTML) 1 Page - STMicroelectronics

  LD59015C15R Datasheet HTML 1Page - STMicroelectronics LD59015C15R Datasheet HTML 2Page - STMicroelectronics LD59015C15R Datasheet HTML 3Page - STMicroelectronics LD59015C15R Datasheet HTML 4Page - STMicroelectronics LD59015C15R Datasheet HTML 5Page - STMicroelectronics LD59015C15R Datasheet HTML 6Page - STMicroelectronics LD59015C15R Datasheet HTML 7Page - STMicroelectronics LD59015C15R Datasheet HTML 8Page - STMicroelectronics LD59015C15R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
This is information on a product in full production.
July 2012
Doc ID 17488 Rev 3
1/16
16
LD59015xx
150 mA low noise high PSRR linear voltage regulator
Datasheet
− production data
Features
■ Input voltage from 2.3 to 5.5 V
■ Very low quiescent current (31 µA typ. at no
load, 75 µA typ. at 150 mA load, 1 µA max in
OFF mode)
■ Very low noise (20 µVRMS at VOUT = 1.5 V)
■ Output voltage tolerance: ± 1.8% at 25 °C
■ 150 mA guaranteed output current
■ Wide range of output voltages available on
request: 0.8 V to 3.3 V in 100 mV steps
■ Logic-controlled electronic shutdown
■ Compatible with ceramic capacitor
(COUT = 1 µF)
■ Internal current and thermal limit
■ Package: SOT323-5L
■ Temperature range: -40 °C to 125 °C
Description
The LD59015xx provides 150 mA of maximum
current from an input voltage ranging from 2.3 V
to 5.5 V, with a typical dropout voltage of 150 mV.
It is stable with ceramic capacitors. High PSRR,
low quiescent current and low noise features
make it suitable for low power battery-powered
applications. Power supply rejection is 80 dB at
low frequencies and starts to roll off at 10 kHz. An
enable logic control function puts the LD59015xx
in shutdown mode, allowing a total current
consumption lower than 1 µA. The device also
includes short-circuit constant current limiting and
thermal protection. Typical applications are
mobile phones, personal digital assistants
(PDAs), cordless phones and similar battery-
powered systems.
SOT323-5L
Table 1.
Device summary
Part numbers
Order codes
Output voltages
LD59015XX08
LD59015C08R
0.8 V
LD59015XX12
LD59015C12R
1.2 V
LD59015XX15
LD59015C15R
1.5 V
LD59015XX18
LD59015C18R
1.8 V
LD59015XX25
LD59015C25R
2.5 V
LD59015XX30
LD59015C30R
3.0 V
LD59015XX33
LD59015C33R
3.3 V
www.st.com


Similar Part No. - LD59015C15R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD59015C15R STMICROELECTRONICS-LD59015C15R Datasheet
577Kb / 17P
Logic-controlled electronic shutdown
24-Apr-2014
More results

Similar Description - LD59015C15R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8570B ONSEMI-NCV8570B Datasheet
614Kb / 21P
200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
May, 2011 ??Rev. 1
NCP4688DMU28TCG ONSEMI-NCP4688DMU28TCG Datasheet
728Kb / 14P
150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688DSN28T1G ONSEMI-NCP4688DSN28T1G Datasheet
713Kb / 14P
150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
logo
Texas Instruments
TPS71750-Q1 TI1-TPS71750-Q1 Datasheet
1Mb / 23P
Low Noise, High-Bandwidth PSRR Low-Dropout 150-mA Linear Regulator
logo
ON Semiconductor
NCP4688 ONSEMI-NCP4688 Datasheet
728Kb / 14P
150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
logo
Texas Instruments
TPS717 TI-TPS717 Datasheet
1Mb / 42P
TPS717xx Low-Noise, High-Bandwidth PSRR,Low-Dropout, 150-mA Linear Regulator
TPS717-Q1 TI-TPS717-Q1_15 Datasheet
1Mb / 34P
TPS717xx-Q1 Low-Noise, High-Bandwidth PSRR,Low-Dropout, 150-mA Linear Regulator
TPS717 TI1-TPS717_16 Datasheet
1Mb / 43P
Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
TPS717-Q1 TI1-TPS717-Q1_16 Datasheet
1Mb / 35P
Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
logo
ON Semiconductor
NCV8570B ONSEMI-NCV8570B_13 Datasheet
646Kb / 20P
200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
June, 2013 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com