Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGIPN3H60A Datasheet(PDF) 12 Page - STMicroelectronics

Part # STGIPN3H60A
Description  SLLIMM??nano (small low-loss intelligent molded module) IPM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPN3H60A Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STGIPN3H60A Datasheet HTML 8Page - STMicroelectronics STGIPN3H60A Datasheet HTML 9Page - STMicroelectronics STGIPN3H60A Datasheet HTML 10Page - STMicroelectronics STGIPN3H60A Datasheet HTML 11Page - STMicroelectronics STGIPN3H60A Datasheet HTML 12Page - STMicroelectronics STGIPN3H60A Datasheet HTML 13Page - STMicroelectronics STGIPN3H60A Datasheet HTML 14Page - STMicroelectronics STGIPN3H60A Datasheet HTML 15Page - STMicroelectronics STGIPN3H60A Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Application information
STGIPN3H60A
12/17
Doc ID 018958 Rev 3
4.1
Recommendations
●
Input signals HIN, LIN are active-high logic. A 500 k
Ω (typ.) pull-down resistor is built-in
for each high side input. If an external RC filter is used for noise immunity, attention
should be given to the variation of the input signal level.
●
To prevent input signal oscillation, the wiring of each input should be as short as
possible.
●
By integrating an application-specific type HVIC inside the module, direct coupling to
the MCU terminals without an opto-coupler is possible.
●
Each capacitor should be located as close as possible to the pins of the IPM.
●
Low inductance shunt resistors should be used for phase leg current sensing.
●
Electrolytic bus capacitors should be mounted as close to the module bus terminals as
possible. Additional high frequency ceramic capacitors mounted close to the module
pins will further improve performance.
Note:
For further details refer to AN4043.
Table 11.
Recommended operating conditions
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VPN
Supply voltage
Applied between P-Nu, Nv,
Nw
300
500
V
VCC
Control supply voltage
Applied between VCC-
GND
12
15
17
V
VBS
High side bias voltage
Applied between VBOOTi-
OUTi for i = U, V, W
11.5
17
V
tdead
Blanking time to prevent
Arm-short
For each input signal
1.5
µs
fPWM
PWM input signal
-40°C < Tc < 100°C
-40°C < Tj < 125°C
25
kHz
TC
Case operation temperature
100
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com