Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39115J30R Datasheet(PDF) 16 Page - STMicroelectronics

Part # LD39115J30R
Description  150 mA low quiescent current low noise voltage regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39115J30R Datasheet(HTML) 16 Page - STMicroelectronics

Back Button LD39115J30R Datasheet HTML 12Page - STMicroelectronics LD39115J30R Datasheet HTML 13Page - STMicroelectronics LD39115J30R Datasheet HTML 14Page - STMicroelectronics LD39115J30R Datasheet HTML 15Page - STMicroelectronics LD39115J30R Datasheet HTML 16Page - STMicroelectronics LD39115J30R Datasheet HTML 17Page - STMicroelectronics LD39115J30R Datasheet HTML 18Page - STMicroelectronics LD39115J30R Datasheet HTML 19Page - STMicroelectronics LD39115J30R Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Typical performance characteristics
LD39115Jxx
16/23
Doc ID 15527 Rev 5
Figure 34.
Load transient (VOUT = 1.2 V)
Figure 35.
Load transient (VOUT = 2.8 V)
VIN = 2. 2 V, IOUT = from 1 to 150 mA, tRISE/FALL = 5 µs
Vin = 3.8 V, IOUT = from 1 to 150 mA, tRISE/FALL = 5 µs
Figure 36.
ESR required for stability with
ceramics capacitors
I
OUT
V
OUT
V
OUT = 1.2 V
I
OUT
V
OUT
V
OUT = 1.2 V
I
OUT
V
OUT
V
OUT = 2.8 V
I
OUT
V
OUT
V
OUT = 2.8 V
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18 19 20 21 22
C
OUT [µF] (nominal value)
STABLE ZONE
UNSTABLE ZONE
I
OUT = from 1 mA to 150 mA, CIN = 1µF (ceramic)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com