Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLC555 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SLC555
Description  Timing Circuit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SLC555 Datasheet(HTML) 1 Page - System Logic Semiconductor

  SLC555 Datasheet HTML 1Page - System Logic Semiconductor SLC555 Datasheet HTML 2Page - System Logic Semiconductor SLC555 Datasheet HTML 3Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SLC555
System Logic
Semiconductor
SLS
Timing Circuit
The SLC555 monolithic timing circuit is a highly stable controller
capable of producing accurate time delays, or oscillation.
• Direct Replacement for NE555 Timers
• Timing From Microseconds Through Hours
• Operates in Both Astable and Monostable Modes
• High Current Output Can Source or Sink 200 mA
ORDERING INFORMATION
SLC555N Plastic
SLC555D SOIC
TA = -10
° to 70° C for
all packages
LOGIC DIAGRAM
PIN ASSIGNMENT


Similar Part No. - SLC555

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SLC556 SLS-SLC556 Datasheet
23Kb / 2P
Timing Circuit
SLC556D SLS-SLC556D Datasheet
23Kb / 2P
Timing Circuit
SLC556N SLS-SLC556N Datasheet
23Kb / 2P
Timing Circuit
More results

Similar Description - SLC555

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE955M NTE-NTE955M Datasheet
28Kb / 4P
Integrated Circuit Timing Circuit
logo
System Logic Semiconduc...
SLC556 SLS-SLC556 Datasheet
23Kb / 2P
Timing Circuit
logo
Integral Corp.
IN556 INTEGRAL-IN556 Datasheet
114Kb / 2P
Timing Circuit
logo
List of Unclassifed Man...
IN555 ETC-IN555 Datasheet
96Kb / 2P
Timing Circuit
logo
KODENSHI_AUK CORP.
KK555 KODENSHI-KK555 Datasheet
238Kb / 4P
Timing Circuit
KK556 KODENSHI-KK556 Datasheet
196Kb / 3P
Timing Circuit
logo
IK Semicon Co., Ltd
IN555 IKSEMICON-IN555 Datasheet
232Kb / 4P
Timing Circuit
IN556 IKSEMICON-IN556 Datasheet
190Kb / 3P
Timing Circuit
IN555 IKSEMICON-IN555_11 Datasheet
183Kb / 4P
Timing Circuit
IN556 IKSEMICON-IN556_11 Datasheet
188Kb / 3P
Timing Circuit
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com