Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39115J10R Datasheet(PDF) 21 Page - STMicroelectronics

Part # LD39115J10R
Description  150 mA low quiescent current low noise voltage regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39115J10R Datasheet(HTML) 21 Page - STMicroelectronics

Back Button LD39115J10R Datasheet HTML 15Page - STMicroelectronics LD39115J10R Datasheet HTML 16Page - STMicroelectronics LD39115J10R Datasheet HTML 17Page - STMicroelectronics LD39115J10R Datasheet HTML 18Page - STMicroelectronics LD39115J10R Datasheet HTML 19Page - STMicroelectronics LD39115J10R Datasheet HTML 20Page - STMicroelectronics LD39115J10R Datasheet HTML 21Page - STMicroelectronics LD39115J10R Datasheet HTML 22Page - STMicroelectronics LD39115J10R Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
LD39115Jxx
Different output voltage versions of the LD39115Jxx available on request
Doc ID 15527 Rev 5
21/23
8
Different output voltage versions of the LD39115Jxx
available on request
Table 7.
Options available on request
Order codes
Output voltages
LD39115J08R
0.8 V
LD39115J10R
1.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com