Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39150PU-R Datasheet(PDF) 4 Page - STMicroelectronics

Part # LD39150PU-R
Description  Ultra low drop BiCMOS voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39150PU-R Datasheet(HTML) 4 Page - STMicroelectronics

  LD39150PU-R Datasheet HTML 1Page - STMicroelectronics LD39150PU-R Datasheet HTML 2Page - STMicroelectronics LD39150PU-R Datasheet HTML 3Page - STMicroelectronics LD39150PU-R Datasheet HTML 4Page - STMicroelectronics LD39150PU-R Datasheet HTML 5Page - STMicroelectronics LD39150PU-R Datasheet HTML 6Page - STMicroelectronics LD39150PU-R Datasheet HTML 7Page - STMicroelectronics LD39150PU-R Datasheet HTML 8Page - STMicroelectronics LD39150PU-R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Pin configuration
LD39150xx
4/19
2
Pin configuration
Figure 2.
Pin connections (top view for DPAK and PPAK, bottom view for DFN)
DFN6 (3x3 mm)
DPAK
PPAK
Table 2.
Pin description
Pin n°
SYMBOL
NOTE
DFN
PPAK
DPAK
55
VSENSE/N.C.
For fixed versions: to be connected with LDO output voltage pins for DFN
package and not connected on PPAK
ADJ
For adjustable version: Error amplifier input pin for VO from 1.22 to 5.0 V
32
1
VI
LDO input voltage; VI from 2.5 V to 6 V, CI = 1 µF must be located at a
distance of not more than 0.5’’ from input pin.
44
3
VO
LDO output voltage pins, with minimum CO = 2.2 µF needed for stability
(also refer to CO vs ESR stability chart)
21
VINH
Inhibit input voltage: ON MODE when VINH ≥ 2 V, OFF MODE when VINH
0.3 V (Do not leave floating, not internally pulled down/up)
1
3
2
GND
Common ground
6
N.C.
Not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com