Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLQ015XG31R Datasheet(PDF) 8 Page - STMicroelectronics

Part # STLQ015XG31R
Description  150 mA, ultra-low quiescent current linear voltage regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLQ015XG31R Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STLQ015XG31R Datasheet HTML 4Page - STMicroelectronics STLQ015XG31R Datasheet HTML 5Page - STMicroelectronics STLQ015XG31R Datasheet HTML 6Page - STMicroelectronics STLQ015XG31R Datasheet HTML 7Page - STMicroelectronics STLQ015XG31R Datasheet HTML 8Page - STMicroelectronics STLQ015XG31R Datasheet HTML 9Page - STMicroelectronics STLQ015XG31R Datasheet HTML 10Page - STMicroelectronics STLQ015XG31R Datasheet HTML 11Page - STMicroelectronics STLQ015XG31R Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Electrical characteristics
STLQ015xx
8/17
Doc ID 17285 Rev 2
COUT
Output capacitor
Capacitance (see typical
performance characteristics for
stability)
0.47
10
µF
ESR
0.056
6
Ω
1.
Dropout voltage is the input-to-output voltage difference at which the output voltage is 100 mV below its nominal value. This
specification does not apply for output voltages below 1.5 V
2.
During shutdown and at no load, P-channel leakage current flowing through the internal resistor divider determines the
increase of VOUT
3.
Turn-on time is the time measured between the enable input just exceeding VEN high value and the output voltage just
reaching 95% of its nominal value
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com