Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLQ50M33R Datasheet(PDF) 13 Page - STMicroelectronics

Part # STLQ50M33R
Description  50 mA, 3 μA supply current low drop linear regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLQ50M33R Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STLQ50M33R Datasheet HTML 9Page - STMicroelectronics STLQ50M33R Datasheet HTML 10Page - STMicroelectronics STLQ50M33R Datasheet HTML 11Page - STMicroelectronics STLQ50M33R Datasheet HTML 12Page - STMicroelectronics STLQ50M33R Datasheet HTML 13Page - STMicroelectronics STLQ50M33R Datasheet HTML 14Page - STMicroelectronics STLQ50M33R Datasheet HTML 15Page - STMicroelectronics STLQ50M33R Datasheet HTML 16Page - STMicroelectronics STLQ50M33R Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
STLQ50XX
Package mechanical data
13/18
Dim.
mm.
mils.
Min.
Typ.
Max.
Min.
Typ.
Max.
A0.80
1.10
31.5
43.3
A1
0.00
0.10
0.0
3.9
A2
0.80
1.00
31.5
39.4
b
0.15
0.305.9
11.8
C
0.10
0.183.9
7.1
D1.80
2.20
70.986.6
E1.80
2.40
70.994.5
E1
1.15
1.35
45.3
53.1
e
0.65
25.6
e1
1.3
51.2
L
0.10
0.30
3.9
11.8
SOT323-5L mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com