Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

75232 Datasheet(PDF) 3 Page - System Logic Semiconductor

Part # 75232
Description  Line Driver / Receiver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

75232 Datasheet(HTML) 3 Page - System Logic Semiconductor

  75232 Datasheet HTML 1Page - System Logic Semiconductor 75232 Datasheet HTML 2Page - System Logic Semiconductor 75232 Datasheet HTML 3Page - System Logic Semiconductor 75232 Datasheet HTML 4Page - System Logic Semiconductor 75232 Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SL75232
System Logic
Semiconductor
SLS
Electrical Characteristics
Supply Current
VCC = 5V, TA = 25
OC
Symbol
Parameter
Test Conditions
Min
Max
Unit
ICC+
Supply Current
VCC+ = 9 V
VIN = 1.9V
15
mA
from VCC+
No Load
VIN = 0.8V
4.5
VCC+ = 12 V
VIN = 1.9V
19
No Load
VIN = 0.8V
5.5
VCC+ = 15 V
VIN = 1.9V
25
No Load
VIN = 0.8V
9
ICC-
Supply Current
VCC- = -9 V
VIN = 1.9V
-15
mA
from VCC-
No Load
VIN = 0.8V
-3.2
VCC- = -12 V
VIN = 1.9V
-19
No Load
VIN = 0.8V
-3.2
VCC- = -15 V
VIN = 1.9V
-25
No Load
VIN = 0.8V
-3.2
ICC
Supply Current
VCC = 5 V
VIN = 5.0V
30
mA
from VCC
Driver Section
Symbol
Parameter
Test Conditions
Min
Max
Unit
VIH
High Level
VCC+ = 9 V
1.9
V
Input Voltage
VCC- = -9 V
VIL
Low Level
0.8
V
Input Voltage
VOH
High Level
VIL = 0.8V
VCC+ = 9 V
6
V
Output Voltage
RL = 3 k
Ω
VCC- = -9 V
VCC+ = 13.2 V
9
VCC- = -13.2
V
VOL
Low Level
VIH = 1.9V
VCC+ = 9 V
-6
V
Output Voltage
RL = 3 k
Ω
VCC- = -9 V
VCC+ = 13.2 V
-9
VCC- = -13.2
V
IIH
High Level
VI = 5V
10
µA
Input Current
IIL
Low Level
VI = 0
-1.6
mA
Input Current
IOS(H)
Short Circuit
VI = 0.8V
-6
-12
mA
Output Current
VO = 0
at High Level
IOS(L)
Short Circuit
VI = 1.9V
6
12
mA
Output Current
VO = 0
at Low Level
RO
Output Resistance,
VCC+ = 0, VCC- = 0
300
Ω



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com