Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CWD2425 Datasheet(PDF) 14 Page - Crydom Inc.,

Part # CWD2425
Description  THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

CWD2425 Datasheet(HTML) 14 Page - Crydom Inc.,

Back Button CWD2425 Datasheet HTML 10Page - Crydom Inc., CWD2425 Datasheet HTML 11Page - Crydom Inc., CWD2425 Datasheet HTML 12Page - Crydom Inc., CWD2425 Datasheet HTML 13Page - Crydom Inc., CWD2425 Datasheet HTML 14Page - Crydom Inc., CWD2425 Datasheet HTML 15Page - Crydom Inc., CWD2425 Datasheet HTML 16Page - Crydom Inc., CWD2425 Datasheet HTML 17Page - Crydom Inc., CWD2425 Datasheet HTML 18Page - Crydom Inc., Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
DSD, DLD
Solid State Time Delay Control Relay
10-50Amp
120/240 Vac
SCR AC Switch Output
Externally Adjustable
Line
Load
Control
Control
Must
Surge
Voltage
Current
Voltage
Current
Release
Current
Range
Range
Range
@ 5Vdc
Voltage
1-Cycle
These “on-operate” (pull-in) time-delay solid state relays are housed in a single
industry standard package. AC output is controlled by a DC input and has an externally
adjustable time delays. Choices include models with two time-delay ranges (DSD
models: 0.1 sec to 8.3 sec.; DLD models: 1.6 sec. to 133 sec.)
Vrms
Arms
Vdc
mA
Vdc
Apk
DSD2410
48-280
.04-10
3.5-15
3.4
1.0
120
DSD2425
48-280
.04-25
3.5-15
3.4
1.0
250
DSD2450
48-280
.04-50
3.5-15
3.4
1.0
625
DLD2410
48-280
.04-10
3.5-15
3.4
1.0
120
DLD2425
48-280
.04-25
3.5-15
3.4
1.0
250
DLD2450
48-280
.04-50
3.5-15
3.4
1.0
625
Timing Resistances
0 (Short) 10KΩ
100KΩ
470KΩ
1.0MΩ
DSD
0.10 sec 0.19 sec 0.94 sec 4.0 sec
8.3 sec
DLD
1.6 sec
3.1sec
15 sec
64 sec
133 sec
Operating Temperature Range: -30˚C to 80˚C Isolation Voltage: 4000 Vrms
SST
Solid State Soft-Start
Control Module/Relay
10-90Amp
SCR AC Switch Output
120/240 Vac
Line
Load
Control
Control
Must
Surge
Crydom
Voltage
Current
Voltage
Current
Release
Current
Solid State
Range
Range
Range
@ 5Vdc
Voltage
1-Cycle
Relay (Incl.)
Vrms
Arms
Vdc
mA
Vdc
Apk
Part No.
SST120*
90-140
*
3.5-10
1.6
1.0
*
none
10SST120
90-140
.04-10
3.5-10
1.6
1.0
120
D2410-10
25SST120
90-140
.04-25
3.5-10
1.6
1.0
250
D2425-10
50SST120
90-140
.04-50
3.5-10
1.6
1.0
625
D2450-10
SST240*
180-280 *
3.5-10
1.6
1.0
*
none
10SST240
180-280 .04-10
3.5-10
1.6
1.0
120
D2410-10
25SST240
180-280 .04-25
3.5-10
1.6
1.0
250
D2425-10
50SST240
180-280 .04-50
3.5-10
1.6
1.0
625
D2450-10
75SST240
180-280 .04-75
3.5-10
1.6
1.0
1000
D2475-10
90SST240
180-280 .04-90
3.5-10
1.6
1.0
1200
D2490-10
* Control Module Only, Must be used with -10 (Series 1) DC input relay
Operating Temperature Range: -30˚C to 80˚C Isolation Voltage: 4000 Vrms
Solid State Control Relays
14
Solid State Control Relays
Crydom’s recognized global leadership in solid-state relays
(SSRs) is taken a step further with our extensive line of solid
state control relays. They can incorporate control circuitry,
intelligence, indication and feedback to an SSR function, further
enhancing the cost-performance benefits for the end user.
Housed in familiar electrically isolated-base packages, many
commonly used power switching/control functions are
incorporated into a single relay. Crydom’s renowned advanced
thermal management techniques are utilized to ensure ease of
mounting and cooling for long life and reliable operation.
Significant cost savings are realized from reductions in design,
volume, cooling, filed maintenance, parts count, acquisition and
inventory costs.
Typical Applications
Appliances
Blow Molding Equipment
Centrifuges
Closed Loop Control
Conveyors
DC-choppers
Elevator controls
Furnaces
Gaming Equipment
Heater controls
HVAC controls
Incubators
Inverters
Lamp controls
Light Dimmers
Marine Equipment
Medical electronics
Motor controls, AC
Motor controls, Induction
Custom Designs
Crydom’s Sales and Technical Support teams will work closely
with you to define and develop customized solutions for your
unique requirements. We can help you get that competitive
edge necessary to be a leader in your industry. In-house
capabilities include ceramic substrate production, SMT
(surface mount technology) placement/insertion robotics
assembly and elevated/low temperature monitored testing. All
this interprets into fast-track design, prepare prototypes, test,
evaluate, adjust and finalize as necessary to achieve the stated
performance criteria. Upon final customer approval we can
quickly gear up to meet your production schedules in our
ISO9001 certified manufacturing environment.
Motor controls, Universal
Motor-starter
Ovens
Polishing Equipment
Power supplies
Printing Equipment
Pump Controls
Reflow Soldering
Slow-start controls
Steamers
Sterilizers
Temperature Controls
Three-phase switching
Traction
Transformer Switching
Transportation
UPS systems
Welding
UL, cUL
UL, cUL
UL, cUL
UL, cUL
UL, cUL
UL, cUL
UL, cUL
UL, cUL
UL, cUL
UL, cUL
UL, cUL
UL, cUL
UL, cUL
UL, cUL
Questions? Call or e-mail
+1 (877) 502 5500
+44 (0) 1202 606030
sales@crydom.com
sales-europe@crydom.com
Americas
Europe
Models SST120 and SST240 control modules gradually apply power to the load when
energized by the control voltage. They must be used with Crydom Series 1 random
turn-on solid state relays. Consult factory for SST wiring diagrams and about use with
480 Vac loads. For a complete set (control module and solid state relay) order
10SST120, 25SST120, etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com