Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLC556D Datasheet(PDF) 2 Page - System Logic Semiconductor

Part # SLC556D
Description  Timing Circuit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SLC556D Datasheet(HTML) 2 Page - System Logic Semiconductor

  SLC556D Datasheet HTML 1Page - System Logic Semiconductor SLC556D Datasheet HTML 2Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SLC556
System Logic
Semiconductor
SLS
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
18
V
Tstg
Storage Temperature
-60 to +85
°C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
4.5
16
V
TA
Operating Temperature, All Package Types
-10
+70
°C
ELECTRICAL CHARACTERISTICS(T
A =+25
°C)
Symbol
Parameter
Test Conditions
Guaranteed Limits
Unit
Min
Max
ICC
Supply Current
VCC=5.0 V, RL =
∞
VCC=15 V, RL=
∞
12
30
mA
Timing Error
R=1.0 k
Ω to 100 kΩ
Initial Accuracy C = 0.1
µF
VCC=5.0 V and VCC=15 V
4
%
Vth
Threshold Voltage
VCC=5.0 V
VCC=15 V
2.6
9
4.0
11
V
VT
Trigger Voltage
VCC=5.0 V
VCC=15 V
1.1
4.5
2.2
5.6
V
IT
Trigger Current
V06,08 =0 V, VCC=15 V
-2
µA
VR
Reset Voltage
VCC=15 V
0.4
1.0
V
IR
Reset Current
V04,10 =0 V, VCC=15 V
-0.6
mA
Ith
Threshold Current (Note 1)
V02,12 =10 V, VCC=15 V
0.25
µA
Idis
Discharge Leakage Current
VCC=15 V, V01,13 =15 V
100
nA
VREF
Control Voltage Level
VCC=15 V
VCC=5.0 V
9.0
2.6
11
4.0
V
VOL
Output Voltage Low
(VCC=15 V)
Isink=10 mA,
Isink=50 mA,
Isink=100 mA,
VCC=5.0 V, Isink=5.0 mA
0.25
0.75
2.3
0.35
V
VOH
Output Voltage High
Isource=200 mA,VCC=15 V
Isource=100 mA, VCC=15 V
Isource=100 mA, VCC=5.0 V
12
12.75
2.75
V
tOLH
Rise Time of Output
VCC=15 V
300
ns
tOHL
Fall Time of Output
VCC=15 V
300
ns
Note 1. This will determine the maximum value of RA + RB for 15 V operation.
The maximum total R=20 M
Ω.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com