Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV821 Datasheet(PDF) 13 Page - Texas Instruments

Part # LMV821
Description  Single/ LMV822 Dual/ LMV824 Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV821 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMV821 Datasheet HTML 9Page - Texas Instruments LMV821 Datasheet HTML 10Page - Texas Instruments LMV821 Datasheet HTML 11Page - Texas Instruments LMV821 Datasheet HTML 12Page - Texas Instruments LMV821 Datasheet HTML 13Page - Texas Instruments LMV821 Datasheet HTML 14Page - Texas Instruments LMV821 Datasheet HTML 15Page - Texas Instruments LMV821 Datasheet HTML 16Page - Texas Instruments LMV821 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Application Note (Continued)
UNITY GAIN PULSE RESPONSE CONSIDERATION
A pull-up resistor is well suited for increasing unity-gain,
pulse response stability. For example, a 600
Ω pull-up resis-
tor reduces the overshoot voltage by about 50%, when
driving a 220 pF load. Figure 3 shows how to implement the
pull-up resistor for more pulse response stability.
Higher capacitances can be driven by decreasing the value
of the pull-up resistor, but its value shouldn’t be reduced
beyond the sinking capability of the part. An alternate ap-
proach is to use an isolation resistor as illustrated in Figure 4
.
Figure 5 shows the resulting pulse response from a LMV824,
while driving a 10,000 pF load through a 20
Ω isolation
resistor.
INPUT BIAS CURRENT CONSIDERATION
Input bias current (I
B) can develop a somewhat significant
offset voltage. This offset is primarily due to I
B
flowing
through the negative feedback resistor, R
F. For example, if IB
is 90 nA (max @ room) and R
F is 100 k
Ω, then an offset of 9
mV will be developed (V
OS=IBxRF).Using a compensation
resistor (R
C), as shown in Figure 6, cancels out this affect.
But the input offset current (I
OS) will still contribute to an
offset voltage in the same manner - typically 0.05 mV at
room temp.
APPLICATION CIRCUITS
This section covers the following application circuits:
1. Telephone-Line Transceiver
2. “Simple” Mixer (Amplitude Modulator)
10012861
FIGURE 2. Unity-Gain Frequency vs Common Mode
Voltage for Various Loads
10012841
FIGURE 3. Using a Pull-up Resistor at the Output for
Stabilizing Capacitive Loads
10012843
FIGURE 4. Using an Isolation Resistor to Drive Heavy
Capacitive Loads
10012854
FIGURE 5. Pulse Response per Figure 4
10012859
FIGURE 6. Canceling the Voltage Offset Effect of Input
Bias Current
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com