Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV822MM Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMV822MM
Description  Single/ LMV822 Dual/ LMV824 Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV822MM Datasheet(HTML) 2 Page - Texas Instruments

  LMV822MM Datasheet HTML 1Page - Texas Instruments LMV822MM Datasheet HTML 2Page - Texas Instruments LMV822MM Datasheet HTML 3Page - Texas Instruments LMV822MM Datasheet HTML 4Page - Texas Instruments LMV822MM Datasheet HTML 5Page - Texas Instruments LMV822MM Datasheet HTML 6Page - Texas Instruments LMV822MM Datasheet HTML 7Page - Texas Instruments LMV822MM Datasheet HTML 8Page - Texas Instruments LMV822MM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LMV821 Single/ LMV822 Dual/ LMV824 Quad
Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
General Description
The LMV821/LMV822/LMV824 bring performance and
economy to low voltage / low power systems. Witha5MHz
unity-gain frequency and a guaranteed 1.4 V/µs slew rate,
the quiescent current is only 220 µA/amplifier (2.7 V). They
provide rail-to-rail (R-to-R) output swing into heavy loads
(600
Ω Guarantees). The input common-mode voltage range
includes ground, and the maximum input offset voltage is
3.5mV (Guaranteed). They are also capable of comfortably
driving large capacitive loads (refer to the application notes
section).
The LMV821 (single) is available in the ultra tiny SC70-5
package, which is about half the size of the previous title
holder, the SOT23-5.
Overall, the LMV821/LMV822/LMV824 (Single/Dual/Quad)
are low voltage, low power, performance op amps, that can
be designed into a wide range of applications, at an eco-
nomical price.
Features
(For Typical, 5 V Supply Values; Unless Otherwise Noted)
n
Ultra Tiny, SC70-5 Package
2.0 x 2.0 x 1.0 mm
n
Guaranteed 2.5 V, 2.7 V and 5 V Performance
n
Maximum VOS
3.5 mV (Guaranteed)
n
VOS Temp. Drift
1 uV/˚ C
n
GBW product @ 2.7 V
5 MHz
n
I
Supply @ 2.7 V
220 µA/Amplifier
n
Minimum SR
1.4 V/us (Guaranteed)
n
CMRR
90 dB
n
PSRR
85 dB
n
V
CM @ 5V
-0.3V to 4.3V
n
Rail-to-Rail (R-to-R) Output Swing
— @600
Ω Load
160 mV from rail
— @10 k
Ω Load
55 mV from rail
n
Stable with High Capacitive Loads (Refer to Application
Section)
Applications
n
Cordless Phones
n
Cellular Phones
n
Laptops
n
PDAs
n
PCMCIA
Telephone-line Transceiver for a
PCMCIA Modem Card
10012833
November 2003
© 2003 National Semiconductor Corporation
DS100128
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com