Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF441CM Datasheet(PDF) 4 Page - Texas Instruments

Part # LF441CM
Description  LF441 Low Power JFET Input Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LF441CM Datasheet(HTML) 4 Page - Texas Instruments

  LF441CM Datasheet HTML 1Page - Texas Instruments LF441CM Datasheet HTML 2Page - Texas Instruments LF441CM Datasheet HTML 3Page - Texas Instruments LF441CM Datasheet HTML 4Page - Texas Instruments LF441CM Datasheet HTML 5Page - Texas Instruments LF441CM Datasheet HTML 6Page - Texas Instruments LF441CM Datasheet HTML 7Page - Texas Instruments LF441CM Datasheet HTML 8Page - Texas Instruments LF441CM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DC Electrical Characteristics (Note 4) (Continued)
Symbol
Parameter
Conditions
LF441A
LF441
Units
Min
Typ
Max
Min
Typ
Max
PSRR
Supply Voltage
(Note 7)
80
100
70
90
dB
Rejection Ratio
IS
Supply Current
150
200
150
250
m
A
AC Electrical Characteristics (Note 4)
Symbol
Parameter
Conditions
LF441A
LF441
Units
Min
Typ
Max
Min
Typ
Max
SR
Slew Rate
VS e g15V TA e 25 C
08
1
06
1
V ms
GBW
Gain-Bandwidth Product
VS e g15V TA e 25 C
08
1
06
1
MHz
en
Equivalent Input Noise Voltage
TA e 25 C RS e 100X
35
35
nV
0Hz
f e 1 kHz
in
Equivalent Input Noise Current
TA e 25 C f e 1 kHz
001
001
pA
0Hz
Note 1
Unless otherwise specified the absolute maximum negative input voltage is equal to the negative power supply voltage
Note 2
For operating at elevated temperature these devices must be derated based on a thermal resistance of ijA
Note 3
The temperature range is designated by the position just before the package type in the device number A ‘‘C’’ indicates the commercial temperature range
and an ‘‘M’’ indicates the military temperature range The military temperature range is available in ‘‘H’’ package only
Note 4
Unless otherwise specified the specifications apply over the full temperature range and for VS e g20V for the LF441A and for VS e g15V for the LF441
VOS IB and IOS are measured at VCM e 0
Note 5
The LF441A is 100% tested to this specification
Note 6
The input bias currents are junction leakage currents which approximately double for every 10 C increase in the junction temperature Tj Due to limited
production test time the input bias currents measured are correlated to junction temperature In normal operation the junction temperature rises above the ambient
temperature as a result of internal power dissipation PD Tj e TA a ijA PD where ijA is the thermal resistance from junction to ambient Use of a heat sink is
recommended if input bias current is to be kept to a minimum
Note 7
Supply voltage rejection ratio is measured for both supply magnitudes increasing or decreasing simultaneously in accordance with common practice From
g
15V to g5V for the LF441 and from g20V to g5V for the LF441A
Note 8
Refer to RETS441X for LF441MH military specifications
Note 9
Max Power Dissipation is defined by the package characteristics Operating the part near the Max Power Dissipation may cause the part to operate
outside guaranteed limits
Note 10
Human body model 15 kX in series with 100 pF
Typical Performance Characteristics
Input Bias Current
Input Bias Current
Supply Current
Input Voltage Limit
Positive Common-Mode
Input Voltage Limit
Negative Common-Mode
Positive Current Limit
TLH9297 – 5
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com