Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN11113 Datasheet(PDF) 13 Page - SONiX Technology Company

Part # SN11113
Description  USB AUDIO CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN11113 Datasheet(HTML) 13 Page - SONiX Technology Company

Back Button SN11113 Datasheet HTML 9Page - SONiX Technology Company SN11113 Datasheet HTML 10Page - SONiX Technology Company SN11113 Datasheet HTML 11Page - SONiX Technology Company SN11113 Datasheet HTML 12Page - SONiX Technology Company SN11113 Datasheet HTML 13Page - SONiX Technology Company SN11113 Datasheet HTML 14Page - SONiX Technology Company SN11113 Datasheet HTML 15Page - SONiX Technology Company SN11113 Datasheet HTML 16Page - SONiX Technology Company SN11113 Datasheet HTML 17Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
SN11113 spec
13
SN11113 supports SCMS (serial copy management system); if incoming digital audio data has
copyright protection enabled, it will not record this audio data and send silent audio data to PC.
Because the digital audio data has its original data format (16~24bits) and sample rate, sample
rate in recording software on PC should be set as the same rate when user wants to record this
digital audio data. For analog audio data recording, it supports two sampling rate : 44.1KHz and
48KHz.
7.6
EEPROM data storage pattern
EEPROM
address
High byte (MSB to LSB) Low byte (MSB to LSB)
Notes
0
idVendor high byte
idVendor low byte
1
idProduct high byte
idProduct low byte
2
Control word high byte
Control word low byte
Refer to the next table
3
Reg address
X
Programming AC’97 reg address
4
Reg dataH
Reg dataL
Programming reg data
5
Reg address
X
Programming AC’97 reg address
6
Reg dataH
Reg dataL
Programming reg data
.
Reg address
X
Programming AC’97 reg address
.
Reg dataH
Reg dataL
Programming reg data
* 16 bit per word at each address
control word (address 02)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
R
R
cdcreg outsw regcnt3 regcnt2 Regcnt1 regcnt0 Chk7 Chk6 Chk5 Chk4 Chk3 Chk2 Chk1 Chk0
bit 15 – bit 14
R – reserved
bit 13
cdcreg – 0 : programming with EEPROM values
1: programming with SN11113 built-in values
bit 12
outsw – 0 : volume control
Aux. Line Out (ox04)
1 : Volume control Stereo Line Out (0x02)
bit11 – bit 8
regcnt [3:0] – toatl number of programming AC’97 Codec registers
bit 7 – bit 0
Chk [7:0] – EEPROM magic code (Hex AB), used to check EEPROM existence
programming example:
bit 13 = 1,
ignore setting in bit 11 to bit8 , using SN11113 built-in programming values
bit 13 = 0,
regcnt [3:0]
≠0 – using programming values stored in EEPROM
bit 13 = 0,
regcnt [3:0]
= 0
– inhibition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com