Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP324 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP324
Description  Micropower Quad Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP324 Datasheet(HTML) 3 Page - Texas Instruments

  LP324 Datasheet HTML 1Page - Texas Instruments LP324 Datasheet HTML 2Page - Texas Instruments LP324 Datasheet HTML 3Page - Texas Instruments LP324 Datasheet HTML 4Page - Texas Instruments LP324 Datasheet HTML 5Page - Texas Instruments LP324 Datasheet HTML 6Page - Texas Instruments LP324 Datasheet HTML 7Page - Texas Instruments LP324 Datasheet HTML 8Page - Texas Instruments LP324 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
LP324
32V or ± 16V
LP2902
26V or ± 13V
Differential Input Voltage
LP324
32V
LP2902
26V
Input Voltage (Note 2)
LP324
−0.3V to 32V
LP2902
−0.3V to 26V
Output Short-Circuit to GND
Continuous
(One Amplifier) (Note 3)
V
+
≤ 15V and T
A = 25˚C
ESD Susceptibility (Note 10)
±500V
Operating Conditions
T
JMAX
150˚C
θ
JA (Note 4)
MT Package
154˚C/W
N Package
90˚C/W
M Package
140˚C/W
Operating Temp. Range
(Note 5)
Storage Temp. Range
−65˚C
≤T
J≤ 150˚C
Soldering Information
Wave Soldering(10sec)
260˚C(lead temp.)
Convection or Infrared(20sec)
235˚C
Electrical Characteristics (Note 6)
LP2902 (Note 9)
LP324
Symbol
Parameter
Conditions
Tested
Design
Tested
Design
Units
Typ
Limit
Limit
Typ
Limit
Limit
Limits
(Note 7)
(Note 8)
(Note 7)
(Note 8)
V
OS
Input Offset
Voltage
24
10
24
9
mV
(Max)
I
B
Input Bias Current
2
20
40
210
20
nA
(Max)
I
OS
Input Offset Current
0.5
4
8
0.2
2
4
nA
(Max)
A
VOL
Voltage Gain
R
L = 10k to GND
V
+ = 30V
70
40
30
100
50
40
V/mV
(Min)
CMRR
Common Mode Rej.
Ratio
V
+ = 30V, 0V
≤ V
CM
V
CM < V
+− 1.5
90
80
75
90
80
75
dB
(Min)
PSRR
Power Supply Rej.
Ratio
V
+ = 5V to 30V
90
80
75
90
80
75
dB
(Min)
I
S
Supply Current
R
L = ∞
85
150
250
85
150
250
µA
(Max)
V
O
Output Voltage
Swing
I
L = 350µA to GND
V
CM =0V
3.6
3.4
V
+−1.9V
3.6
3.4
V
+−1.9V
V
(Min)
I
L = 350µA to V
+
V
CM =0V
0.7
0.8
1.0
0.7
0.8
1.0
V
(Max)
I
OUT
Source
Output Source
Current
V
O =3V
V
IN (diff) = 1V
10
7
4
10
7
4
mA
(Min)
I
OUT
Sink
Output Sink Current
V
O = 1.5V
V
IN (diff) = 1V
54
3
54
3
mA
(Min)
I
OUT
Sink
Output Sink Current
V
O = 1.5V
V
CM =0V
42
1
42
1
mA
(Min)
I
SOURCE
Output Short to GND
V
IN (diff) = 1V
20
25
35
35
20
25
35
35
mA
(Max)
I
SINK
Output Short to V
+
V
IN (diff) = 1V
15
30
45
15
30
45
mA
(Max)
V
OS
Drift
10
10
µV/C˚
I
OS
Drift
10
10
pA/C˚
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com