Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2952AIN Datasheet(PDF) 13 Page - Texas Instruments

Part # LP2952AIN
Description  Adjustable Micropower Low-Dropout Voltage Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2952AIN Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP2952AIN Datasheet HTML 9Page - Texas Instruments LP2952AIN Datasheet HTML 10Page - Texas Instruments LP2952AIN Datasheet HTML 11Page - Texas Instruments LP2952AIN Datasheet HTML 12Page - Texas Instruments LP2952AIN Datasheet HTML 13Page - Texas Instruments LP2952AIN Datasheet HTML 14Page - Texas Instruments LP2952AIN Datasheet HTML 15Page - Texas Instruments LP2952AIN Datasheet HTML 16Page - Texas Instruments LP2952AIN Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Schematic Diagram
01112706
Application Hints
HEATSINK REQUIREMENTS (Industrial Temperature
Range Devices)
The maximum allowable power dissipation for the LP2952/
LP2953 is limited by the maximum junction temperature
(+125˚C) and the external factors that determine how quickly
heat flows away from the part: the ambient temperature and
the junction-to-ambient thermal resistance for the specific
application.
The industrial temperature range (−40˚C
≤ T
J
≤ +125˚C)
parts are manufactured in plastic DIP and surface mount
packages which contain a copper lead frame that allows
heat to be effectively conducted away from the die, through
the ground pins of the IC, and into the copper of the PC
board. Details on heatsinking using PC board copper are
covered later.
To determine if a heatsink is required, the maximum power
dissipated by the regulator, P(max), must be calculated. It is
important to remember that if the regulator is powered from
a transformer connected to the AC line, the maximum
specified AC input voltage must be used (since this pro-
duces the maximum DC input voltage to the regulator).
Figure 1 shows the voltages and currents which are present
in the circuit. The formula for calculating the power dissi-
pated in the regulator is also shown in Figure 1:
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com