Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2950-50LP Datasheet(PDF) 16 Page - Texas Instruments

Part # LP2950-50LP
Description  ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2950-50LP Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP2950-50LP Datasheet HTML 12Page - Texas Instruments LP2950-50LP Datasheet HTML 13Page - Texas Instruments LP2950-50LP Datasheet HTML 14Page - Texas Instruments LP2950-50LP Datasheet HTML 15Page - Texas Instruments LP2950-50LP Datasheet HTML 16Page - Texas Instruments LP2950-50LP Datasheet HTML 17Page - Texas Instruments LP2950-50LP Datasheet HTML 18Page - Texas Instruments LP2950-50LP Datasheet HTML 19Page - Texas Instruments LP2950-50LP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
f
(CBYPASS)
] 200 Hz ³ CBYPASS +
1
2p
R1
200 Hz
LP2950
LP2951
SLVS582H – APRIL 2006 – REVISED MARCH 2012
www.ti.com
Capacitor Types
Most tantalum or aluminum electrolytics are suitable for use at the input. Film-type capacitors also work, but at
higher cost. When operating at low temperature, care should be taken with aluminum electrolytics, as their
electrolytes often freeze at –30°C. For this reason, solid tantalum capacitors should be used at temperatures
below –25°C.
Ceramic capacitors can be used, but due to their low ESR (as low as 5 m
Ω to 10 mΩ), they may not meet the
minimum ESR requirement previously discussed. If a ceramic capacitor is used, a series resistor between 0.1
Ω
to 2
Ω must be added to meet the minimum ESR requirement. In addition, ceramic capacitors have one glaring
disadvantage that must be taken into account — a poor temperature coefficient, where the capacitance can vary
significantly with temperature. For instance, a large-value ceramic capacitor (
≥2.2 μF) can lose more than half of
its capacitance as temperature rises from 25°C to 85°C. Thus, a 2.2-
μF capacitor at 25°C drops well below the
minimum COUT required for stability as ambient temperature rises. For this reason, select an output capacitor that
maintains the minimum 2.2
μF required for stability for the entire operating temperature range.
CBYPASS: Noise and Stability Improvement
In the LP2951, an external FEEDBACK pin directly connected to the error amplifier noninverting input can allow
stray capacitance to cause instability by shunting the error amplifier feedback to GND, especially at high
frequencies. This is worsened if high-value external resistors are used to set the output voltage, because a high
resistance allows the stray capacitance to play a more significant role; i.e., a larger RC time delay is introduced
between the output of the error amplifier and its FEEDBACK input, leading to more phase shift and lower phase
margin. A solution is to add a 100-pF bypass capacitor (CBYPASS) between OUTPUT and FEEDBACK; because
CBYPASS is in parallel with R1, it lowers the impedance seen at FEEDBACK at high frequencies, in effect
offsetting the effect of the parasitic capacitance by providing more feedback at higher frequencies. More
feedback forces the error amplifier to work at a lower loop gain, so COUT should be increased to a minimum of
3.3
μF to improve the regulator’s phase margin.
CBYPASS can be also used to reduce output noise in the LP2951. This bypass capacitor reduces the closed loop
gain of the error amplifier at the high frequency, so noise no longer scales with the output voltage. This
improvement is more noticeable with higher output voltages, because loop gain reduction is greatest. A suitable
CBYPASS is calculated as shown in Equation 1:
(1)
On the 3-pin LP2950, noise reduction can be achieved by increasing the output capacitor, which causes the
regulator bandwidth to be reduced, therefore, eliminating high-frequency noise. However, this method is relatively
inefficient, as increasing COUT from 1 μF to 220 μF only reduces the regulator’s output noise from 430 μV to
160
μV (over a 100-kHz bandwidth).
ERROR Function (LP2951 Only)
The LP2951 has a low-voltage detection comparator that outputs a logic low when the output voltage drops by
≉6% from its nominal value, and outputs a logic high when VOUT has reached ≉95% of its nominal value. This
95% of nominal figure is obtained by dividing the built-in offset of
≉60 mV by the 1.235-V bandgap reference, and
remains independent of the programmed output voltage. For example, the trip-point threshold (ERROR output
goes high) typically is 4.75 V for a 5-V output and 11.4 V for a 12-V output. Typically, there is a hysteresis of 15
mV between the thresholds for high and low ERROR output.
A timing diagram is shown in Figure 1 for ERROR vs VOUT (5 V), as VIN is ramped up and down. ERROR
becomes valid (low) when VIN ≉ 1.3 V. When VIN ≉ 5 V, VOUT = 4.75 V, causing ERROR to go high. Because the
dropout voltage is load dependent, the output trip-point threshold is reached at different values of VIN, depending
on the load current. For instance, at higher load current, ERROR goes high at a slightly higher value of VIN, and
vice versa for lower load current. The output-voltage trip point remains at
≉4.75 V, regardless of the load. Note
that when VIN ≤ 1.3 V, the ERROR comparator output is turned off and pulled high to its pullup voltage. If VOUT is
used as the pullup voltage, rather than an external 5-V source, ERROR typically is
≉1.2 V. In this condition, an
equal resistor divider (10 k
Ω is suitable) can be tied to ERROR to divide down the voltage to a valid logic low
during any fault condition, while still enabling a logic high during normal operation.
16
Submit Documentation Feedback
Copyright © 2006–2012, Texas Instruments Incorporated
Product Folder Link(s): LP2950 LP2951



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com