Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN66021 Datasheet(PDF) 1 Page - SONiX Technology Company

Part # SN66021
Description  4-Channel Speech Controller
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN66021 Datasheet(HTML) 1 Page - SONiX Technology Company

  SN66021 Datasheet HTML 1Page - SONiX Technology Company SN66021 Datasheet HTML 2Page - SONiX Technology Company SN66021 Datasheet HTML 3Page - SONiX Technology Company SN66021 Datasheet HTML 4Page - SONiX Technology Company SN66021 Datasheet HTML 5Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SN66021
4-Channel Speech Controller
March 8, 2001
1
INTRODUCTION
SN66020 is a 20 seconds single chip 4-channel voice synthesizer IC which
contains I/O pins and a tiny controller. By programming through the tiny
controller, user’s applications including section combination, trigger modes,
output status, high performance melody, multiple voices, and other logic
functions can be implemented.
FEATURES
Single power supply 2.4V – 5.1V
Built in a tiny controller
20 seconds voice capacity are provided
One 4-bit input port, two 4-bit I/O ports and one 4-bit output port are
provided
256*4 bits RAM are provided
Maximum 64k program ROM is provided
Readable ROM code data
Built in a high quality speech synthesizer
Four independent voice channels
Adaptive playing speed from 4k-40kHz is provided for all 4 channels
individually
Automatic repetition for every channel
A 6-bit*8-bit Multiplier is embed to modulate the volume of synthesized
voices
Two digital mixers (with saturation control) are provided
Two 8-bit current output DA converters (Channel 1 + Channel 2
→ DA1,
Channel 3 + Channel 4
→ DA2 )
System clock: 2M Hz ( R-type or Crystal Option)
Low Voltage Reset


Similar Part No. - SN66021

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN66020 SONIX-SN66020 Datasheet
132Kb / 5P
4-Channel Speech Controller
SN66020B SONIX-SN66020B Datasheet
303Kb / 11P
4-Channel Speech Controller
More results

Similar Description - SN66021

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN66012 SONIX-SN66012 Datasheet
132Kb / 5P
4-Channel Speech Controller
SN56030 SONIX-SN56030 Datasheet
378Kb / 11P
4-Channel Speech Controller
SN56085 SONIX-SN56085 Datasheet
378Kb / 11P
4-Channel Speech Controller
SN56340 SONIX-SN56340 Datasheet
378Kb / 11P
4-Channel Speech Controller
SN66020B SONIX-SN66020B Datasheet
303Kb / 11P
4-Channel Speech Controller
SN66060B SONIX-SN66060B Datasheet
302Kb / 11P
4-Channel Speech Controller
SN66085B SONIX-SN66085B Datasheet
302Kb / 11P
4-Channel Speech Controller
SNC678 SONIX-SNC678_05 Datasheet
421Kb / 14P
4-Channel Speech Controller
SNC688 SONIX-SNC688_05 Datasheet
421Kb / 14P
4-Channel Speech Controller
SNC698 SONIX-SNC698_05 Datasheet
420Kb / 14P
4-Channel Speech Controller
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com