Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM109K/883 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM109K/883
Description  LM109QML 5-Volt Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM109K/883 Datasheet(HTML) 4 Page - Texas Instruments

  LM109K/883 Datasheet HTML 1Page - Texas Instruments LM109K/883 Datasheet HTML 2Page - Texas Instruments LM109K/883 Datasheet HTML 3Page - Texas Instruments LM109K/883 Datasheet HTML 4Page - Texas Instruments LM109K/883 Datasheet HTML 5Page - Texas Instruments LM109K/883 Datasheet HTML 6Page - Texas Instruments LM109K/883 Datasheet HTML 7Page - Texas Instruments LM109K/883 Datasheet HTML 8Page - Texas Instruments LM109K/883 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Absolute Maximum Ratings (Note 1)
Input Voltage
35V
Power Dissipation
Internally Limited
Operating Ambient Temperature Range
−55˚C
≤ T
A
≤ +150˚C
Storage Temperature Range
−65˚C
≤ T
A
≤ +150˚C
Maximum Junction Temperature
150˚C
Thermal Resistance
θ
JA
H-Pkg (Still Air)
190˚C/W
H-Pkg (500LF/Min Air flow)
69˚C/W
K-Pkg (Still Air)
39˚C/W
K-Pkg (500LF/Min Air flow)
TBD
θ
JC
H-Pkg
25˚C/W
K-Pkg
3˚C/W
Lead Temperature
(Soldering, 10 sec.)
300˚C
ESD Tolerance (Note 6)
4000V
Quality Conformance Inspection
Mil-Std-883, Method 5005 - Group A
Subgroup
Description
Temp ˚C
1
Static tests at
25
2
Static tests at
125
3
Static tests at
-55
4
Dynamic tests at
25
5
Dynamic tests at
125
6
Dynamic tests at
-55
7
Functional tests at
25
8A
Functional tests at
125
8B
Functional tests at
-55
9
Switching tests at
25
10
Switching tests at
125
11
Switching tests at
-55
12
Settling time at
25
13
Settling time at
125
14
Settling time at
-55
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com