Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL21153T Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SSL21153T
Description  Low-cost non-dimmable LED driver IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL21153T Datasheet(HTML) 3 Page - NXP Semiconductors

  SSL21153T Datasheet HTML 1Page - NXP Semiconductors SSL21153T Datasheet HTML 2Page - NXP Semiconductors SSL21153T Datasheet HTML 3Page - NXP Semiconductors SSL21153T Datasheet HTML 4Page - NXP Semiconductors SSL21153T Datasheet HTML 5Page - NXP Semiconductors SSL21153T Datasheet HTML 6Page - NXP Semiconductors SSL21153T Datasheet HTML 7Page - NXP Semiconductors SSL21153T Datasheet HTML 8Page - NXP Semiconductors SSL21153T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SSL2115X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 7 June 2012
3 of 15
NXP Semiconductors
SSL2115X
Low-cost non-dimmable LED driver IC
6.
Block diagram
7.
Pinning information
7.1 Pinning
7.2 Pin description
Fig 1.
Block diagram SSL2115X
DDD
',*,7$/
&21752/
'5,9(5
66/;
-)(7
'5$,1
6285&(
6(16(
*1'
(1$%/(
9&&
6(1625
7(03(5$785(
3527(&7,21
26&,/$725-,77(5
Fig 2.
Pin configuration
66/;
*1'
'5$,1
*1'
*1'
6285&(
6(16(
9&&
DDD







Table 3.
Pin description
Symbol
Pin
Description
GND1
1
ground
GND2
2
ground
GND3
3
ground
SENSE
4
transformer status sensing
VCC
5
supply voltage
SOURCE
6
source of the internal power switch
DRAIN
7
drain of the internal power switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com