Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM339x2DBLE Datasheet(PDF) 1 Page - Texas Instruments

Part # LM339x2DBLE
Description  OCTAL DIFFERENTIAL COMPARATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM339x2DBLE Datasheet(HTML) 1 Page - Texas Instruments

  LM339x2DBLE Datasheet HTML 1Page - Texas Instruments LM339x2DBLE Datasheet HTML 2Page - Texas Instruments LM339x2DBLE Datasheet HTML 3Page - Texas Instruments LM339x2DBLE Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LM339x2
OCTAL DIFFERENTIAL COMPARATOR
SLCS122A − APRIL 1996 − REVISED SEPTEMBER 1996
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
D Single Supply or Dual Supplies
D Wide Range of Supply Voltage
2 V to 36 V
D Low Supply-Current Drain Independent of
Supply Voltage . . . 1.6 mA Typ
D Low Input Bias Current . . . 25 nA Typ
D Low Input Offset Current ...5 nA Typ
D Low Input Offset Voltage ...2 mV Typ
D Common-Mode Input Voltage Range
Includes Ground
D Differential Input Voltage Range Equal to
Maximum-Rated Supply Voltage . . .
±36 V
D Low Output Saturation Voltage
D Output Compatible With TTL, MOS, and
CMOS
description
The LM339x2 consists of eight independent
voltage comparators that are designed to operate
from a single power supply over a wide range of
voltages. Operation from dual supplies is also
possible when the difference between the two
supplies is 2 V to 36 V and VCC is at least 1.5 V
more positive than the input common-mode
voltage. Current drain is independent of the
supply voltage. The outputs can be connected to
other open-collector outputs to achieve wire-AND
relationships.
AVAILABLE OPTION
PACKAGE
TA
VIOmax AT 25°C
SMALL OUTLINE
(DB)†
0
°C to 70°C
5 mV
LM339x2DBLE
† The DB package is only available left-end taped and reeled.
Copyright
 1996, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
OUT
IN −
IN +
symbol (each comparator)
1
30
16
15
14
13
12
11
10
9
8
7
6
5
4
3
229
28
27
26
25
24
23
22
21
20
19
18
17
1OUT
2OUT
NC
2IN −
2IN +
1IN −
1IN +
VCC+
3OUT
4OUT
NC
4IN −
4IN +
3IN −
3IN +
7OUT
8OUT
NC
8IN +
8IN −
7IN +
7IN −
VCC−/GND
5OUT
6OUT
NC
6IN +
6IN −
5IN +
5IN −
DB PACKAGE
(TOP VIEW)
NC − No internal connection


Similar Part No. - LM339x2DBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM339X TI-LM339X Datasheet
1Mb / 48P
LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
LM339X TI-LM339X Datasheet
1Mb / 48P
LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
LM339X TI1-LM339X Datasheet
1Mb / 48P
LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
LM339X TI-LM339X Datasheet
2Mb / 51P
LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED OCTOBER 2023
logo
Rohm
LM339XXX ROHM-LM339XXX Datasheet
4Mb / 40P
Ground Sense Comparators
15.Jul.2016 Rev.002
More results

Similar Description - LM339x2DBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL712CP TI-TL712CP Datasheet
82Kb / 5P
DIFFERENTIAL COMPARATOR
TL712 TI-TL712 Datasheet
263Kb / 11P
DIFFERENTIAL COMPARATOR
logo
Wuxi Youda electronics ...
YD393 YOUDA-YD393 Datasheet
100Kb / 3P
QUAD DIFFERENTIAL COMPARATOR
logo
Texas Instruments
TL712 TI-TL712_06 Datasheet
259Kb / 12P
DIFFERENTIAL COMPARATOR
logo
GTM CORPORATION
GSCLM393 GTM-GSCLM393 Datasheet
229Kb / 4P
DUAL DIFFERENTIAL COMPARATOR
logo
SeCoS Halbleitertechnol...
SHLM339 SECOS-SHLM339 Datasheet
526Kb / 4P
Differential Comparator
SPWLM393D SECOS-SPWLM393D Datasheet
761Kb / 4P
Dual Differential Comparator
logo
Texas Instruments
TL712D TI-TL712D Datasheet
927Kb / 16P
DIFFERENTIAL COMPARATOR
logo
Cystech Electonics Corp...
LM391CN5 CYSTEKEC-LM391CN5 Datasheet
384Kb / 8P
Differential Comparator
logo
List of Unclassifed Man...
UA710 ETC-UA710 Datasheet
103Kb / 2P
Differential Comparator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com