Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM339x2DBLE Datasheet(PDF) 3 Page - Texas Instruments

Part # LM339x2DBLE
Description  OCTAL DIFFERENTIAL COMPARATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM339x2DBLE Datasheet(HTML) 3 Page - Texas Instruments

  LM339x2DBLE Datasheet HTML 1Page - Texas Instruments LM339x2DBLE Datasheet HTML 2Page - Texas Instruments LM339x2DBLE Datasheet HTML 3Page - Texas Instruments LM339x2DBLE Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LM339x2
OCTAL DIFFERENTIAL COMPARATOR
SLCS122A − APRIL 1996 − REVISED SEPTEMBER 1996
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
IIB
Input bias current
VO = 1.4 V
25
°C
−25
− 250
nA
IIB
Input bias current
VO = 1.4 V
Full range
− 400
nA
VICR Common-mode input voltage range
25
°C
0 to
VCC −1.5
V
VICR Common-mode input voltage range
Full range
0 to
VCC −2
V
AVD
Large-signal differential voltage amplification
VCC = 15 V,
VO = 1.4 V to 11.4 V,
RL = ≥ 15 kΩ to VCC
25
°C
50
200
V/mV
VOL
Low-level output voltage
VID = − 1 V,
IOL = 4 mA
25
°C
150
400
mV
VOL
Low-level output voltage
VID = − 1 V,
IOL = 4 mA
Full range
700
mV
IOH
High-level output current
VID = 1 V
VOH = 5 V
25
°C
0.1
50
nA
IOH
High-level output current
VID = 1 V
VOH = 30 V
Full range
1
µA
IOL
Low-level output current
VID = − 1 V,
VOL = 1.5 V
25
°C
6
16
mA
ICC
Supply current (eight comparators)
VO = 2.5 V,
No load
25
°C
1.6
4
mA
ICC
Supply current (eight comparators)
VCC = 30 V,
No load
25
°C
2
5
mA
† Full range for LM339 is 0°C to 70°C. All characteristics are measured with zero common-mode input voltage unless otherwise specified.
‡ All typical values are measured at TA = 25°C.
switching characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Response time
RL connected to 5 V through 5.1 kΩ,
§
100-mV input step with 5-mV overdrive
1.3
ns
Response time
RL connected to 5 V through 5.1 kΩ,
CL = 15 pF§,
See Note 4
TTL 1-level input step
0.3
ns
§ CL includes probe and jig capacitance.
NOTE 4: The response time specified is the interval between the input step function and the instant when the output crosses 1.4 V.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com