Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

35201K0JT Datasheet(PDF) 2 Page - Tyco Electronics

Part # 35201K0JT
Description  SMD Power Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

35201K0JT Datasheet(HTML) 2 Page - Tyco Electronics

  35201K0JT Datasheet HTML 1Page - Tyco Electronics 35201K0JT Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Power Resistors
Type 3520 Series
TE Connectivity, TE connectivity (logo) and TE (logo) are trademarks.
Other logos, product and Company names mentioned herein may be trademarks of their respective owners.
While TE has made every reasonable effort to ensure the accuracy of the information in this datasheet, TE does not guarantee that it is error-free, nor does TE make any other
representation, warranty or guarantee that the information is accurate, correct, reliable or current. TE reserves the right to make any adjustments to the information contained herein
at any time without notice. TE expressly disclaims all implied warranties regarding the information contained herein, including, but not limited to, any implied warranties of merchantabili-
ty or fitness for a particular purpose. The dimensions in this datasheet are for reference purposes only and are subject to change without notice. Specifications are subject to change
without notice. Consult TE for the latest dimensions and design specifications.
How to Order
3520
1K0
J
T
Common Part
1 ohm
1000 milli ohms
1R0
1K ohm
1000 ohms
1K0
1 Meg ohm
1000000 ohms
1M0
Resistance Value
J - 5%
Tolerance
Pack Style
3520
T - 4000 / reel
Handling Recommendations
When flow soldering - the land width must be smaller than the Chip Resistor width to properly control the solder
application. Generally, the land width can be Chip Resistor width (W) x 0.7 to 0.8. When reflow soldering - solder
application amount can be adjusted. Thus the land width can be set to W x 1.0 to 1.3.
Dimensions
LW
a
b
t
6.40
3.20
0.70
0.70
0.60
±0.20
±0.20
±0.10
±0.20
±0.10
L
a
W
t
b



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com