Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN67090 Datasheet(PDF) 3 Page - SONiX Technology Company

Part # SN67090
Description  Speech Controller
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN67090 Datasheet(HTML) 3 Page - SONiX Technology Company

  SN67090 Datasheet HTML 1Page - SONiX Technology Company SN67090 Datasheet HTML 2Page - SONiX Technology Company SN67090 Datasheet HTML 3Page - SONiX Technology Company SN67090 Datasheet HTML 4Page - SONiX Technology Company SN67090 Datasheet HTML 5Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SN67090
Speech Controller
December 20, 2000
3
ABSOLUTE MAXIMUM RATING
Items
Symbol
Min
Max
Unit.
Supply Voltage
VDD
-0.3
6.0
V
Input Voltage
VIN
VSS-0.3
VDD+0.3
V
Operating Temperature
TOP
-20.0
70.0
oC
Storage Temperature
TSTG
-55.0
125.0
oC
ELECTRICAL CHARACTERISTICS
Item
Sym. Min. Typ. Max. Unit
Condition
Operating Voltage
VDD
2.4
3.0
5.1
V
Standby Current
ISBY
--
2.0
uAVDD=3V, no load
Operating Current
IOPR
-
-
250
uAVDD=3V, no load
Input Current of P1
Ii
-
3
-
uA VDD=3V
Drive Current of P2,P3
IOD
1.5
2
-
mAVDD=3V,VO=2.4V
Sink Current of P2,P3
IOS
2.0
3
-
mAVDD=3V,VO=0.4V
D/A Output Current
IVO
2.0
3.0
4.0
mAVDD=3V,VO=0.7V
Oscillation Freq.
FOSC
-1.0
-
MHz VDD=3V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com